Electronic Components Datasheet Search
  English  ▼

X  

APA300 Datasheet(PDF) 49 Page - Microsemi Corporation

Part # APA300
Description  ProASICPLUS Flash Family FPGAs
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APA300 Datasheet(HTML) 49 Page - Microsemi Corporation

Back Button APA300 Datasheet HTML 45Page - Microsemi Corporation APA300 Datasheet HTML 46Page - Microsemi Corporation APA300 Datasheet HTML 47Page - Microsemi Corporation APA300 Datasheet HTML 48Page - Microsemi Corporation APA300 Datasheet HTML 49Page - Microsemi Corporation APA300 Datasheet HTML 50Page - Microsemi Corporation APA300 Datasheet HTML 51Page - Microsemi Corporation APA300 Datasheet HTML 52Page - Microsemi Corporation APA300 Datasheet HTML 53Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 174 page
background image
ProASICPLUS Flash Family FPGAs
v5.2
1-45
Table 1-31 • Worst-Case Military Conditions
VDDP = 3.0V, VDD = 2.3V, 35 pF load, TJ = 125°C for Military/MIL-STD-883
Macro Type
Description
Max.
tDLH
1
Max.
tDHL
2
Units
Std.
Std.
OB33PH
3.3V, PCI Output Current, High Slew Rate
2.1
2.3
ns
OB33PN
3.3V, High Output Current, Nominal Slew Rate
2.5
3.2
ns
OB33PL
3.3V, High Output Current, Low Slew Rate
2.7
3.5
ns
OB33LH
3.3V, Low Output Current, High Slew Rate
2.7
4.3
ns
OB33LN
3.3V, Low Output Current, Nominal Slew Rate
3.3
4.7
ns
OB33LL
3.3V, Low Output Current, Low Slew Rate
3.3
6.1
ns
Notes:
1. tDLH = Data-to-Pad High
2. tDHL = Data-to-Pad Low
Table 1-32 • Worst-Case Military Conditions
VDDP = 2.3 V, VDD = 2.3V, 35 pF load, TJ = 125°C for Military/MIL-STD-883
Macro Type
Description
Max.
tDLH
1
Max.
tDHL
2
Units
Std.
Std.
OB25LPHH
2.5V, Low Power, High Output Current, High Slew Rate3
2.3
2.4
ns
OB25LPHN
2.5V, Low Power, High Output Current, Nominal Slew Rate3
2.7
3.3
ns
OB25LPHL
2.5V, Low Power, High Output Current, Low Slew Rate3
3.2
3.5
ns
OB25LPLH
2.5V, Low Power, Low Output Current, High Slew Rate3
3.0
5.0
ns
OB25LPLN
2.5V, Low Power, Low Output Current, Nominal Slew Rate3
3.9
4.6
ns
OB25LPLL
2.5V, Low Power, Low Output Current, Low Slew Rate3
4.3
5.7
ns
Notes:
1. tDLH = Data-to-Pad High
2. tDHL = Data-to-Pad Low
3. Low power I/O work with VDDP=2.5V ±10% only. VDDP=2.3V for delays.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com