Electronic Components Datasheet Search
  English  ▼

X  

MP20051DN Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP20051DN
Description  Low Noise, High PSRR, 1A Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20051DN Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP20051DN Datasheet HTML 1Page - Monolithic Power Systems MP20051DN Datasheet HTML 2Page - Monolithic Power Systems MP20051DN Datasheet HTML 3Page - Monolithic Power Systems MP20051DN Datasheet HTML 4Page - Monolithic Power Systems MP20051DN Datasheet HTML 5Page - Monolithic Power Systems MP20051DN Datasheet HTML 6Page - Monolithic Power Systems MP20051DN Datasheet HTML 7Page - Monolithic Power Systems MP20051DN Datasheet HTML 8Page - Monolithic Power Systems MP20051DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP20051 – LOW NOISE HIGH PSRR 1A LINEAR REGULATOR
MP20051 Rev.1.11
www.MonolithicPower.com
3
12/26/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN=VOUT+0.5V or VIN=2.5V, EN=VIN, Typical values are at TA=25°C, unless otherwise specified
Parameter
Condition
Min
Typ
Max
Units
Input Voltage
2.5
5.5
V
Input Under Voltage Lockout
VIN rising
1.95
2.25
V
Hysteresis of UVLO
160
mV
FB Voltage
VOUT=0.8V, IOUT=1mA
0.784
0.8
0.816
V
IOUT=1mA, TA=25°C
-2
2
Output Voltage Accuracy
IOUT=1mA, -40≤TA≤85°C
-3
3
%
Maximum Output Current
Continuous, VIN≥2.5V, VOUT=2.5V
1
A
Short-Circuit Current Limit
VOUT=0, VIN≥2.5V
1.6
A
In-Regulation Current Limit
VOUT=2.5V, VOUT within 4% of normal
output voltage VIN=5.5V
1.4
2.2
3.0
A
IOUT=0.1mA, VOUT=2.5V
110
Ground Current
IOUT=1A, VOUT=2.5V
600
μA
IOUT=1A, VOUT=2.5V
140
280
IOUT=750m, VOUT=2.5V
105
210
Dropout Voltage
(6)
IOUT=500mA, VOUT=2.5V
70
140
mV
Line Regulation
(7)
VOUT=2.5V, VIN from VOUT+0.5V to
5.5V, IOUT=100mA,
-0.15
0.15
%/V
Load Regulation
(8)
IOUT from 100mA to 1A, VOUT=2.5V
0.3
%
VOUT=1.1V
13
VOUT=3.3V
35
Output Voltage Noise
IOUT=100mA, f ranges
from 10Hz to 100kHz
VOUT=5V
55
μVRMS
f=100Hz
65
f=1kHz
63
f=10kHz
63
PSRR
VIN = 2.5V, VOUT = 1.1V,
IOUT = 1A
f=1MHz
33
dB
Shutdown Supply Current
VIN=+5.5V
0.2
μA
EN Pin Current , Enabled
VIN=VEN=+5.5V
0.2
μA
Feedback Pin Current
VIN=+5.5V, VFB=6V
0.02
μA
Startup Time
VOUT(NOM)=2.5V, COUT=4.7μF,
VOUT=0% to 90%VOUT(NOM)
45
μs
EN Logic High
1.5
EN PIN Threshold
EN Logic Low
0.4
V
Thermal Shutdown Temperature
Typical thermal hysteresis =20°C
150
°C
Notes:
6) Dropout Voltage is defined as the input to output differential when the output voltage drops 100mV below its nominal value.
7) Line Regulation=
()
IN(MAX )
IN(MIN)
OUT V
OUT V
IN(MIN)
OUT(NOM)
IN MAX
VV
(% / V)
VV
V
⎡⎤
⎡
⎤
⎣⎦
⎣
⎦
−
×
⎡⎤
−×
⎣⎦
8) Load Regulation=
()
OUT (MAX )
OUT (MIN)
OUT I
OUT I
OUT NOM
VV
(%)
V
⎡⎤
⎡
⎤
⎣⎦
⎣
⎦
−
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com