Electronic Components Datasheet Search
  English  ▼

X  

MP20051DN Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP20051DN
Description  Low Noise, High PSRR, 1A Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20051DN Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP20051DN Datasheet HTML 1Page - Monolithic Power Systems MP20051DN Datasheet HTML 2Page - Monolithic Power Systems MP20051DN Datasheet HTML 3Page - Monolithic Power Systems MP20051DN Datasheet HTML 4Page - Monolithic Power Systems MP20051DN Datasheet HTML 5Page - Monolithic Power Systems MP20051DN Datasheet HTML 6Page - Monolithic Power Systems MP20051DN Datasheet HTML 7Page - Monolithic Power Systems MP20051DN Datasheet HTML 8Page - Monolithic Power Systems MP20051DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP20051
Low Noise, High PSRR, 1A
Linear Regulator
MP20051 Rev.1.11
www.MonolithicPower.com
1
12/26/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP20051 is a low-dropout linear regulator
that supplies up to 1A current with a 140mV
dropout voltage. The externally-adjustable output
voltage has a range of 0.8V to 5V from an input
voltage of 2.5V to 5.5V.
An internal PMOS pass element allows for a low
110μA ground current, making the MP20051
suitable for battery-powered devices. Other
features include low-power shutdown, and short-
circuit and thermal protection. The MP20051 is
available in 3mm x 3mm 8-pin QFN and SOIC8E
packages.
FEATURES
• Up to 1A Output Current
• Low 140mV Dropout at 1A
• Low 110μA Ground Current
• Output Voltage Available from 0.8V to 5V
• Low Noise: 13μVRMS typical (10Hz to 100kHz)
• 63dB PSRR @1kHz
• Stable with Ceramic Capacitor
• Excellent Load/Line Transient Response
• Current Limiting and Thermal Protection
• Available in 3mm x 3mm 8-pin QFN and
SOIC8E Packages
APPLICATIONS
• Notebook Computers
• Cordless Telephones
• Cellular Phones
• Wireless Communication Equipment
• Hand-Held Instruments
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
OUT
R1
V0.8 (1
)Volts
R2
=× +


Similar Part No. - MP20051DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP20051DN MPS-MP20051DN Datasheet
181Kb / 4P
Low Noise, High PSRR, 1A Linear Regulator EV Board
More results

Similar Description - MP20051DN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS7A80XX TI-TPS7A80XX_1 Datasheet
1Mb / 24P
Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
logo
Monolithic Power System...
MPQ20051 MPS-MPQ20051 Datasheet
463Kb / 13P
Low Noise, High PSRR, 1A Linear Regulator AEC-Q100 Qualified
MPQ20051-AEC1 MPS-MPQ20051-AEC1 Datasheet
565Kb / 12P
Low Noise, High PSRR, 1A Linear Regulator AEC-Q100 Qualified
EVQ20051-Q-00A MPS-EVQ20051-Q-00A Datasheet
379Kb / 6P
Low Noise, High PSRR, 1A Linear Regulator EV Board
EV20045DQ-00A MPS-EV20045DQ-00A Datasheet
528Kb / 5P
Low Noise, High PSRR, 1A Linear Regulator EV Board
EV20051DN-00A MPS-EV20051DN-00A Datasheet
181Kb / 4P
Low Noise, High PSRR, 1A Linear Regulator EV Board
EV20051DQ-00A MPS-EV20051DQ-00A Datasheet
176Kb / 4P
Low Noise, High PSRR, 1A Linear Regulator EV Board
logo
Richtek Technology Corp...
RTQ2510-QA RICHTEK-RTQ2510-QA Datasheet
355Kb / 13P
1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
RT2519W RICHTEK-RT2519W Datasheet
355Kb / 13P
1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com