Electronic Components Datasheet Search
  English  ▼

X  

MP20051DN Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP20051DN
Description  Low Noise, High PSRR, 1A Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20051DN Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP20051DN Datasheet HTML 1Page - Monolithic Power Systems MP20051DN Datasheet HTML 2Page - Monolithic Power Systems MP20051DN Datasheet HTML 3Page - Monolithic Power Systems MP20051DN Datasheet HTML 4Page - Monolithic Power Systems MP20051DN Datasheet HTML 5Page - Monolithic Power Systems MP20051DN Datasheet HTML 6Page - Monolithic Power Systems MP20051DN Datasheet HTML 7Page - Monolithic Power Systems MP20051DN Datasheet HTML 8Page - Monolithic Power Systems MP20051DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MP20051 – LOW NOISE HIGH PSRR 1A LINEAR REGULATOR
MP20051 Rev.1.11
www.MonolithicPower.com
5
12/26/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 2.5V, VOUT = 1.1V, CIN=2.2µF, COUT=4.7µF, TA = 25°C, unless otherwise noted.
Quiescent Current vs.
Input Voltage
IOUT=0A
Dropout Voltage vs.
Temperature
VOUT=2.5V, IOUT=1A
EN threshold vs.
Input Voltage
EN threshold vs.
Temperature
Dropout Voltage vs.
Output Current
VOUT=2.5V
Current Limit vs.
Input Voltage
Line Regulation
IOUT=0mA and 100mA
Current Limit vs.
Temperature
Quiescent Current vs.
Temperature
IOUT=0A
0
20
40
60
80
100
120
140
-40 -20
0
20
40
60
80 100
0
20
40
60
80
100
120
140
160
3
3.5
4
4.5
5
5.5
6
INPUT VOLTAGE(V)
0
20
40
60
80
100
120
140
160
180
200
-40 -20
0 20 40
60
80 100
0
20
40
60
80
100
120
140
160
180
0
200
400
600
800 1000
OUTPUT CURRENT(mA)
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE(V)
0.4
0.45
0.5
0.55
0.6
0.65
0.7
0.75
-40 -20
0
20
40
60
80 100
EN high threshold
EN low threshold
EN high threshold
EN low threshold
1.5
1.55
1.6
1.65
1.7
1.75
1.8
-40 -20
0
20 40
60
80 100
1.5
1.55
1.6
1.65
1.7
1.75
1.8
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE(V)
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
3
3.5
4
4.5
5
5.5
6
INPUT VOLTAGE(V)
IOUT=100mA
IOUT=0mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com