Electronic Components Datasheet Search
  English  ▼

X  

MP20051DN Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP20051DN
Description  Low Noise, High PSRR, 1A Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20051DN Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP20051DN Datasheet HTML 1Page - Monolithic Power Systems MP20051DN Datasheet HTML 2Page - Monolithic Power Systems MP20051DN Datasheet HTML 3Page - Monolithic Power Systems MP20051DN Datasheet HTML 4Page - Monolithic Power Systems MP20051DN Datasheet HTML 5Page - Monolithic Power Systems MP20051DN Datasheet HTML 6Page - Monolithic Power Systems MP20051DN Datasheet HTML 7Page - Monolithic Power Systems MP20051DN Datasheet HTML 8Page - Monolithic Power Systems MP20051DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP20051 – LOW NOISE HIGH PSRR 1A LINEAR REGULATOR
MP20051 Rev.1.11
www.MonolithicPower.com
4
12/26/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Pin Function
1, 2
VOUT
Regulator output. Bypass with a standard 4.7μF ceramic capacitor to GND. Connect all
the pins together externally.
3
FB
Feedback Input. Connect FB to the center point of the external resistor divider. The
feedback threshold voltage is 0.8V.
4
GND
Exposed pad
Ground. Connect exposed pad to GND plane for optimal thermal performance.
5
EN
Regulator Enable Control Input. Drive EN above 1.5V to turn on the MP20051. Drive EN
below 0.4V to turn it off. Do not float the EN pin.
6
NC
No Connection. Leave this NC pin open.
7, 8
VIN
Regulator Input. Supply voltage ranges from 2.5V to 5.5V. Bypass with 2.2μF capacitor.
These pins must be externally connected for proper operation even if they are internally
connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com