Electronic Components Datasheet Search
  English  ▼

X  

MP20051DN Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP20051DN
Description  Low Noise, High PSRR, 1A Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20051DN Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP20051DN Datasheet HTML 4Page - Monolithic Power Systems MP20051DN Datasheet HTML 5Page - Monolithic Power Systems MP20051DN Datasheet HTML 6Page - Monolithic Power Systems MP20051DN Datasheet HTML 7Page - Monolithic Power Systems MP20051DN Datasheet HTML 8Page - Monolithic Power Systems MP20051DN Datasheet HTML 9Page - Monolithic Power Systems MP20051DN Datasheet HTML 10Page - Monolithic Power Systems MP20051DN Datasheet HTML 11Page - Monolithic Power Systems MP20051DN Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MP20051 – LOW NOISE HIGH PSRR 1A LINEAR REGULATOR
MP20051 Rev.1.11
www.MonolithicPower.com
10
12/26/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The MP20051 has an externally-set output
voltage with a range of 0.8V to 5V given a 2.5V
to 5.5V input. Set the output voltage using a
resistive voltage divider from the output voltage
to the FB pin. The result of the voltage divider at
the FB pin is:
2
R
1
R
2
R
V
V
OUT
FB
+
=
Where VFB is the feedback threshold voltage (VFB
= 0.8V), and VOUT is the output voltage. Thus the
output voltage is:
R2
R2
R1
8
.
0
V
OUT
+
×
=
R2 can go as high as 100kΩ, but typical
applications use 10kΩ. After selecting R2, R1 is
determined by:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
=
FB
FB
OUT
V
V
V
2
R
1
R
For example, for a 1.1V output voltage, R2 is
10kΩ, and R1 is 3.75kΩ. You can select a
standard 3.75kΩ (±1%) resistor for R1.
Power Dissipation
The power dissipation for any package depends
on the thermal resistance of the case and circuit
board, the temperature differential between the
junction and ambient air, and the rate of air flow.
The power dissipation across the device can be
represented by the equation:
()
OUT
OUT
IN
I
V
V
P
×
−
=
The
allowable
power
dissipation
can
be
calculated using the following equation:
(
)
JA
Ambient
Junction
(MAX)
T
T
P
θ
−
=
/
Where (TJunction − TAmbient) is the temperature
differential
between
the
junction
and
the
surrounding environment, θJA is the thermal
resistance from the junction to the ambient
environment. Connecting the exposed GND pad
to a large ground pad or plane helps to channel
away heat.
Output Capacitor Selection
The MP20051 is specifically designed to work
with a standard ceramic output capacitor to save
space and improve performance. Use a 4.7µF
ceramic capacitor for most applications. Larger
output capacitors will improve load transient
response and reduce noise at the cost of
increased size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com