Electronic Components Datasheet Search
  English  ▼

X  

MP24830 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP24830
Description  4.5V . 90V, Programmable Frequency White LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24830 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP24830 Datasheet HTML 1Page - Monolithic Power Systems MP24830 Datasheet HTML 2Page - Monolithic Power Systems MP24830 Datasheet HTML 3Page - Monolithic Power Systems MP24830 Datasheet HTML 4Page - Monolithic Power Systems MP24830 Datasheet HTML 5Page - Monolithic Power Systems MP24830 Datasheet HTML 6Page - Monolithic Power Systems MP24830 Datasheet HTML 7Page - Monolithic Power Systems MP24830 Datasheet HTML 8Page - Monolithic Power Systems MP24830 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MP24830 — 4.5V–90V, PROGRAMABLE FREQUENCY WHITE LED DRIVER
MP24830 Rev. 1.0
www.MonolithicPower.com
3
10/30/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICES
VIN = 12V, TA = +25°C, all voltages with respect to VSS, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Feedback Voltage
VFB
4.5V
 VIN  90V
0.188
0.2
0.208
V
Feedback Current
IFB
VFB = 0.22V
-50
50
nA
Under Voltage Lockout Threshold Rising
VUVLOTH
3.7
4.1
4.4
V
Under Voltage Lockout Threshold Hysteresis
VUVLOHY
160
mV
Operation Current (Quiescent)
IQ
VEN = 2V, VFB = 0.25V
0.8
1.1
mA
Supply Current (Quiescent) at EN Off
IOFF
VEN=0V
10
23
μA
Gate Driver Pull-Up Impedance
RPULL_UP
25
Ω
Gate Driver Pull-Down Impedance
RPULL_Down
7
Ω
Gate Driver Output-High to SW
VOH-SW
IDR=10mA
5.6
5.8
V
Gate Driver Output-Low to SW
VOL-SW
IDR=10mA
0.1
0.3
V
DIMO Source Current
IDIMOSC
0.05
A
DIMO Sink Current
IDIMOSK
0.05
A
DIMO Output High
VDIMOH
IDR=10mA
4.6
5
V
DIMO Output Low
VDIMOL
IDR=10mA
0.4
0.5
V
Oscillator Frequency
fSW
VFB = 0.15V,
RSET=100kΩ
145
215
265
kHz
Min. Oscillator Frequency
fSWMIN
VFB = 0.15V,
RSET=380kΩ
30
50
75
kHz
Max. Oscillator Frequency
fSWMAX
VFB = 0.15V, RSET open
245
365
465
kHz
Foldback Frequency
fSWFB
VFB = 0V, VOVP=0V,
RSET=100kΩ
30
kHz
GM of Error Amplifier
GM
80
μs
Error Amplifier Output Current
IOamp
40
μA
Current Sensing Gain
GCS
20
High-Side Current Limit Threshold
VCLTH
45
mV
Min. Off-Time
tOFFMIN
VFB = 0.19V,
RSET=100kΩ
280
ns
Min. On-Time
(5)
tON
100
ns
EN Input Current
IENIN
VEN = 3.3V
3.7
μA
EN OFF Threshold (w/Respect to INGND)
VENOFFTH
VEN Falling
0.4
V
EN ON Threshold (w/Respect to INGND)
VENONTH
VEN Rising
1.4
V
Min. DIM Threshold
VDIMTHL
VFB = 0.2V
0.6
0.7
0.8
V
Max. DIM Threshold
VDIMTHH
VFB = 0.2V
1.55
1.75
1.95
V
LED-Short Threshold for Immediate Latch-
Off
600
mV
LED Short Delay for Latch-Off
450
μs
LED Short Threshold
300
mV
Thermal Shutdown
(5)
TTSHD
160
°C
Open LED OV Threshold
VOVPTH
1.1
1.2
1.3
V
Open LED OV Hysteresis
VOVPHY
50
mV
Notes:
5)
Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com