Electronic Components Datasheet Search
  English  ▼

X  

MP24830 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP24830
Description  4.5V . 90V, Programmable Frequency White LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24830 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP24830 Datasheet HTML 2Page - Monolithic Power Systems MP24830 Datasheet HTML 3Page - Monolithic Power Systems MP24830 Datasheet HTML 4Page - Monolithic Power Systems MP24830 Datasheet HTML 5Page - Monolithic Power Systems MP24830 Datasheet HTML 6Page - Monolithic Power Systems MP24830 Datasheet HTML 7Page - Monolithic Power Systems MP24830 Datasheet HTML 8Page - Monolithic Power Systems MP24830 Datasheet HTML 9Page - Monolithic Power Systems MP24830 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
MP24830 — 4.5V–90V, PROGRAMABLE FREQUENCY WHITE LED DRIVER
MP24830 Rev. 1.0
www.MonolithicPower.com
6
10/30/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VEN=5V, VIN=5V to 85V, IOUT=0.5A, L=47μH, TA=25°C, unless otherwise noted.
Buck ILED vs.
Analog Dimming
VIN=20V, 3LED, IOUT=1A, FDIM=0.2kHz
ANALOG DIMMING VOLTAGE (V)
VCS vs. Temperature
FSW vs. Temperature
VFB vs. Temperature
20
30
40
50
60
70
-50
-10
30
70
110
150
0
100
200
300
400
500
-50
-10
30
70
110
150
170
180
190
200
210
220
230
-50
-10
30
70
110
150
4.5
5.0
5.5
6.0
6.5
7.0
-50
-10
30
70
110
150
500
600
700
800
900
1000
-50
-10
30
70
110
150
40
60
80
100
120
140
-50
-10
30
70
110
150
VBST vs. Temperature
IQ Current vs. Temperature
VIN
20V/div.
VSW
20V/div.
VOUT
10V/div.
IL
1A/div.
VIN
50V/div.
VSW
20V/div.
VOUT
5V/div.
IL
1A/div.
Buck-Boost Steady State
VIN = 8V, 3LED, IOUT = 1A
Buck Steady State
VIN = 14V, 1LED, IOUT = 1A
0
200
400
600
800
1000
0.7
0.9 1.1
1.3
1.5
1.7
1.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com