Electronic Components Datasheet Search
  English  ▼

X  

MP24830 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP24830
Description  4.5V . 90V, Programmable Frequency White LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24830 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP24830 Datasheet HTML 1Page - Monolithic Power Systems MP24830 Datasheet HTML 2Page - Monolithic Power Systems MP24830 Datasheet HTML 3Page - Monolithic Power Systems MP24830 Datasheet HTML 4Page - Monolithic Power Systems MP24830 Datasheet HTML 5Page - Monolithic Power Systems MP24830 Datasheet HTML 6Page - Monolithic Power Systems MP24830 Datasheet HTML 7Page - Monolithic Power Systems MP24830 Datasheet HTML 8Page - Monolithic Power Systems MP24830 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MP24830 — 4.5V–90V, PROGRAMABLE FREQUENCY WHITE LED DRIVER
MP24830 Rev. 1.0
www.MonolithicPower.com
4
10/30/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
SOIC14
Name Description
1
DR
Driver Output. Connect it to the high-side MOSFET gate.
2
CS
High-Side Current Sense. For over-current protection and current-mode control.
3
VDD
Supply Voltage. Operates from a 4.5V-to-85V unregulated input (with respect to VSS). Needs
C1 to prevent large input voltage spikes.
4
INGND Input Ground Reference. Reference for the EN/DIM signal.
5
DIM
Dimming Command Input. Selects for DC or PWM dimming. When the DIM pin voltage (with
respect to INGND) rises from 0.6V to 1.95V, the LED current changes from 0% to 100% of the
maximum LED current. For PWM dimming, apply a 100Hz-to-2kHz square wave with an
amplitude greater than 2V. For combined analog and PWM dimming, apply a 100Hz-to-2kHz
square wave signal with amplitude from 0.6V to 1.95V.
6
EN
Enable.
7
RSET
Frequency Set. Connect a resistor to VSS to set the switching frequency, and a 1nF capacitor
to VSS to bypass the noise. Leaving this pin open for the 350kHz default operating frequency.
8
OVP
Over-Voltage Protection. Use a voltage divider to program OVP threshold. When the OVP pin
voltage reaches the 1.2V shutdown threshold, the switch turns off and recovers when the OVP
voltage decreases sufficiently. When the OVP pin voltage (with respect to VSS) falls below
0.4V and the FB pin voltage falls below 0.1V, the chip interprets this as a short circuit and the
operating frequency will fold back. Program the OVP pin voltage from 0.4V to 1.2V for normal
operation.
9
COMP
Error Amplifier Output. Connect a 1nF or larger capacitor on COMP and an RC network from
FB to COMP to improve the stability and to provide soft-start and PWM dimming.
10
FB
LED Current Feedback Input. A current-sensing resistor between FB and VSS provides circuit
feedback. The regulation voltage is 0.2V. Short-circuit protection triggers If the FB voltage
exceeds 300mV for 450µs or the FB voltage exceeds 600mV.
11
DIMO
DIM Output. Provides for accurate PWM diming control following DIM logic. Connect to the
gate of the external dimming MOSFET. Leave floating if dimming accuracy is not a concern.
12
VSS
Power Return. Connect to the circuit’s point of lowest potential, which is typically the anode of
the Schottky rectifier. Acts as the voltage reference for the regulated output voltage, and layout
requires extra consideration. Place this node outside of the D1-to-C1 ground path to prevent
switching current spikes from inducing voltage noise. Connect the exposed pad to this pin.
13
BST
Bootstrap. Connect a capacitor between the SW and BST pins to form a floating supply across
the power switch driver. Use a 100nF or larger ceramic capacitor to provide sufficient energy
to drive the power switch’s gate above the supply voltage.
14
SW
Switch. Connect to the source of the external MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com