Electronic Components Datasheet Search
  English  ▼

X  

MP24830 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP24830
Description  4.5V . 90V, Programmable Frequency White LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24830 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP24830 Datasheet HTML 3Page - Monolithic Power Systems MP24830 Datasheet HTML 4Page - Monolithic Power Systems MP24830 Datasheet HTML 5Page - Monolithic Power Systems MP24830 Datasheet HTML 6Page - Monolithic Power Systems MP24830 Datasheet HTML 7Page - Monolithic Power Systems MP24830 Datasheet HTML 8Page - Monolithic Power Systems MP24830 Datasheet HTML 9Page - Monolithic Power Systems MP24830 Datasheet HTML 10Page - Monolithic Power Systems MP24830 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
MP24830 — 4.5V–90V, PROGRAMABLE FREQUENCY WHITE LED DRIVER
MP24830 Rev. 1.0
www.MonolithicPower.com
7
10/30/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VEN=5V, VIN=5V to 85V, IOUT=0.5A, L=47μH, TA=25°C, unless otherwise noted.
VIN
20V/div.
VSW
50V/div.
VDIM
5V/div.
IL
1A/div.
VIN
50V/div.
VSW
50V/div.
VDIM
2V/div.
IL
1A/div.
VIN
20V/div.
VSW
20V/div.
VDIM
5V/div.
IL
1A/div.
Buck-Boost
PWM Dimming
VIN = 25V, 3LED, FDIM = 200Hz/50%
Buck-Boost
Analog Dimming
VIN = 25V, 3LED, VDIM = 0.9A
Buck PWM Dimming
VIN = 25V, 3LED, FDIM = 200Hz/50%
VIN
5V/div.
VSW
10V/div.
VOUT
10V/div.
IL
0.5A/div.
VIN
50V/div.
VSW
50V/div.
VEN
5V/div.
IL
1A/div.
VIN
50V/div.
VSW
50V/div.
VEN
5V/div.
IL
1A/div.
Buck-Boost
Power Ramp Up
VIN = 8V, 3LED
Buck-Boost
Enable Power Up
VIN =40V, 3LED
Buck-Boost
Enable Power Down
VIN = 40V, 3LED
VIN
20V/div.
VSW
20V/div.
VOVP
1V/div.
IL
1A/div.
VIN
10V/div.
VSW
20V/div.
VOUT
10V/div.
IL
1A/div.
VIN
20V/div.
VSW
50V/div.
VOUT
10V/div.
IL
1A/div.
Buck-Boost
Open LED Protection
VIN = 25V, 3LED, ILED = 1A
Buck-Boost
Short LED Protection
VIN = 16V, 3LED
Buck-Boost
Short LED to VSS
VIN = 25V, 3LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com