Electronic Components Datasheet Search
  English  ▼

X  

MP24830 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP24830
Description  4.5V . 90V, Programmable Frequency White LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24830 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP24830 Datasheet HTML 7Page - Monolithic Power Systems MP24830 Datasheet HTML 8Page - Monolithic Power Systems MP24830 Datasheet HTML 9Page - Monolithic Power Systems MP24830 Datasheet HTML 10Page - Monolithic Power Systems MP24830 Datasheet HTML 11Page - Monolithic Power Systems MP24830 Datasheet HTML 12Page - Monolithic Power Systems MP24830 Datasheet HTML 13Page - Monolithic Power Systems MP24830 Datasheet HTML 14Page - Monolithic Power Systems MP24830 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MP24830 — 4.5V–90V, PROGRAMABLE FREQUENCY WHITE LED DRIVER
MP24830 Rev. 1.0
www.MonolithicPower.com
11
10/30/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Figure 4: RCC Compensation Network on COMP
Pin
(1)Compensation network for Buck-boost
application
The DC modulator gain of the buck-boost
power stage (from the output current to the
control voltage on COMP pin) is:
OUT
IN
OUT
IN
OUT
OUT
OUT
CS
FB
LED
FB
LED
OUT
IN
VV
VV
DCGain _ PS
VI
* V
20 R
(
) (R
R
)
RR
V
V


Where RCS is the switch current sensing resistor
on CS pin, RLED is the equivalent dynamic
resistance of the LED load, as shown in Figure
5.
ΔILED
ΔVLED
LED
LED
LED
I
V
R
Figure 5: LED Dynamic Resistance Equivalent
The dominant low-frequency pole of the buck-
boost power stage is:
OUT
OUT
OUT
FB
LED
OUT
IN
P_ PS
OUT
OUT
VI
* V
RR
V
V
f
2V
C


The right-half plane (RHP) zero of the buck-
boost power stage is:
2
IN
Z_ RHP
OUT
OUT
IN
V
f
2L I
(V
V )
 
Step 1: Select RCOMP
Choose a crossing frequency, fC, below
1/3×fZ_RHP to derive the compensation network
as follow (assume CZ>>Cp):
c
COMP
FB
P _ PS
f
R
gm R
DCGain _ PS * f

That is:
c
OUT
CS
FB
LED
OUT
IN
COMP
FB
IN
2f
C
20 R
(R
R
)(V
V )
R
gm R
V


Use the maximum input voltage and minimum
output voltage to calculate RCOMP.
Step 2: Select CZ
Set the zero of the compensation network to
cancel the minimum pole of the power stage to
get:
z
P_ PS
COMP
1
C
2f
R

Choose CZ with the maximum input voltage and
maximum output voltage.
Step 3: Select CP
Set the pole of the compensation network to
cancel the minimum RHP zero to get:
p
z_ RHP
COMP
1
C
2f
R

Choose CP with the minimum input voltage and
maximum output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com