Electronic Components Datasheet Search
  English  ▼

X  

APT100GT120JR Datasheet(PDF) 38 Page - Microsemi Corporation

Part # APT100GT120JR
Description  Power Semiconductors Power Modules
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT100GT120JR Datasheet(HTML) 38 Page - Microsemi Corporation

Back Button APT100GT120JR Datasheet HTML 34Page - Microsemi Corporation APT100GT120JR Datasheet HTML 35Page - Microsemi Corporation APT100GT120JR Datasheet HTML 36Page - Microsemi Corporation APT100GT120JR Datasheet HTML 37Page - Microsemi Corporation APT100GT120JR Datasheet HTML 38Page - Microsemi Corporation APT100GT120JR Datasheet HTML 39Page - Microsemi Corporation APT100GT120JR Datasheet HTML 40Page - Microsemi Corporation APT100GT120JR Datasheet HTML 41Page - Microsemi Corporation APT100GT120JR Datasheet HTML 42Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
38
All Power Modules RoHS Compliant
DIODE Power Modules
SD1
SD2
SP6
V
RRM
(V)
DIODE
Type
IF (A)
per Diode
VF (V)
T
J=25º C
Package
Common Cathode
Common Anode
Doubler
200
FRED
400
1.0
SP6
APTDF400KK20G
APTDF400AA20G
APTDF400AK20G
600
1.6
APTDF400KK60G
APTDF400AA60G
APTDF400AK60G
1000
2.1
APTDF400KK100G
APTDF400AA100G
APTDF400AK100G
1200
2.4
APTDF400KK120G
APTDF400AA120G
APTDF400AK120G
1700
2.2
APTDF400KK170G
APTDF400AA170G
APTDF400AK170G
800-1200-
1600-1800
RECTIFIER
36
1.15
SD1
MSKD36-08/12/16/18
MSAD36-08/12/16/18
MSCD36-08/12/16/18
60
MSKD60-08/12/16/18
MSAD60-08/12/16/18
MSCD60-08/12/16/18
70
MSKD70-08/12/16/18
MSAD70-08/12/16/18
MSCD70-08/12/16/18
100
MSKD100-08/12/16/18
MSAD100-08/12/16/18
MSCD100-08/12/16/18
120
MSKD120-08/12/16/18
MSAD120-08/12/16/18
MSCD120-08/12/16/18
165
SD2
MSKD165-08/12/16/18
MSAD165-08/12/16/18
MSCD165-08/12/16/18
200
MSKD200-08/12/16/18
MSAD200-08/12/16/18
MSCD200-08/12/16/18
200
FRED
35
0.95
Mini-Mod
UFT7020
UFT7020A
UFT7020D
60
0.98
TwinTower
UFT12520
UFT12520A
UFT12520D
70
0.98
TO-249 Flat Pack
UFT14020
UFT14020A
UFT14020D
100
0.98
TwinTower
UFT20020
UFT20020A
UFT20020D
1.25
UFT20120
UFT20120A
UFT20120D
200
0.98
UFT40020
UFT40020A
UFT40020D
300
35
1.20
Mini-Mod
UFT7130
UFT7130A
UFT7130D
400
70
1.25
TO-249 Flat Pack
UFT14140
UFT14140A
UFT14140D
100
1.25
TwinTower
UFT20140
UFT20140A
UFT20140D
500
35
1.20
Mini-Mod
UFT7150
UFT7150A
UFT7150D
600
1.35
UFT7260SMxC
UFT7260SMxA
UFT7260SMxD
70
1.35
TO-249 Flat Pack
UFT14260
UFT14260A
UFT14260D
800
60
1.35
TwinTower
UFT12780
UFT12780A
UFT12780D
70
1.35
TO-249 Flat Pack
UFT14280
UFT14280A
UFT14280D
30
SCHOTTKY
30
0.47
TO-249 Flat Pack
FST16230
FST16230A
FST16230D
35
250
0.55
TwinTower
CPT50235
CPT50235A
CPT50235D
300
0.65
CPT60035
CPT60035A
CPT60035D
40
150
0.76
CPT30040
CPT30040A
CPT30040D
45
40
0.53
Mini-Mod
FST8145
FST8145A
FST8145D
80
0.65
TO-249 Flat Pack
FST16145
FST16145A
FST16145D
80
0.74
FST16045
FST16045A
FST16045D
100
0.68
TwinTower
CPT20145
CPT20145A
CPT20145D
150
0.62
CPT30145
CPT30145A
CPT30145D
150
0.77
CPT30045
CPT30045A
CPT30045D
200
0.57
CPT40145
CPT40145A
CPT40145D
250
0.55
CPT50145
CPT50145A
CPT50145D
300
0.55
CPT60145
CPT60145A
CPT60145D
0.65
CPT60045
CPT60045A
CPT60045D
50
60
0.8
CPT12050
CPT12050A
CPT12050D
80
0.74
TO-249 Flat Pack
FST16050
FST16050A
FST16050D
150
0.78
TwinTower
CPT30050
CPT30050A
CPT30050D
60
0.82
CPT30060
CPT30060A
CPT30060D
250
0.73
CPT50060
CPT50060A
CPT50060D
80
200
0.89
CPT40080
CPT40080A
CPT40080D
90
80
0.96
TO-249 Flat Pack
FST16090
FST16090A
FST16090D
150
0.98
TwinTower
CPT30090
CPT30090A
CPT30090D
200
0.90
CPT40090
CPT40090A
CPT40090D
100
40
0.82
Mini-Mod
FST80100
FST80100A
FST80100D
60
0.86
TO-249
9 Pins
FST60100
FST60100A
FST60100D
75
0.94
FST153100
FST153100A
FST153100D
80
0.96
TO-249 Flat Pack
FST160100
FST160100A
FST160100D
150
0.98
Twin Tower
CPT300100
CPT300100A
CPT300100D
200
0.91
CPT400100
CPT400100A
CPT400100D
250
0.90
CPT500100
CPT500100A
CPT500100D
300
0.85
CPT600100
CPT600100A
CPT600100D
150
0.85
CPT600150
CPT600150A
CPT600150D
COMMON CATHODE - COMMON ANODE - DOUBLER
10-pin TO-249
TO-249
Flat Pack
Mini-Mod
Twin Tower
Non Isolated
Mini-Mod
Surface Mount
SM1
SM3
SM5
SM2
SM4
SM6
x option for Mini-Mod Surface Mount Package
Non Isolated
Packages
SPP6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com