Electronic Components Datasheet Search
  English  ▼

X  

APT100GT120JR Datasheet(PDF) 17 Page - Microsemi Corporation

Part # APT100GT120JR
Description  Power Semiconductors Power Modules
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT100GT120JR Datasheet(HTML) 17 Page - Microsemi Corporation

Back Button APT100GT120JR Datasheet HTML 13Page - Microsemi Corporation APT100GT120JR Datasheet HTML 14Page - Microsemi Corporation APT100GT120JR Datasheet HTML 15Page - Microsemi Corporation APT100GT120JR Datasheet HTML 16Page - Microsemi Corporation APT100GT120JR Datasheet HTML 17Page - Microsemi Corporation APT100GT120JR Datasheet HTML 18Page - Microsemi Corporation APT100GT120JR Datasheet HTML 19Page - Microsemi Corporation APT100GT120JR Datasheet HTML 20Page - Microsemi Corporation APT100GT120JR Datasheet HTML 21Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
17
Standard Electrical Configurations
Electrical Topology
IGBT
600V to 1700V
MOSFET
75V to 1200V
Diode
30V to 1700V
Mix Si-SiC
600 & 1200V
Full SiC
600 & 1200V
Asymmetrical Bridge
XX
Boost Buck
X
X
Boost & Buck Chopper
XX
XX
Common Anode
X
Common Cathode
X
Dual Boost & Buck Chopper
XX
X
Dual Common Source
X
X
Dual Diode
X
Full Bridge
X
X
X
X
Full Bridge + PFC
X
X
X
Full Bridge + Secondary Fast Rectifier Bridge
XX
X
Full Bridge + Series and Parallel Diodes
XX
Interleaved PFC
X
X
Linear single and Dual switch
X
Phase Leg
XXX
X
Phase Leg Intelligent
X
Phase Leg + PFC
XX
Phase Leg + Series and Parallel Diodes
XX
Single Switch
XXX
Single Switch + Series and Parallel Diodes
XX
Single Switch + Series Diodes
XX
3-Level NPC Inverter
X
X
3-Level T-Type Inverter
XX
3-Phase Bridge
XX
Triple Dual Common Soure
XX
Triple Phase Leg
XX
X
NPT
MosFET
Schottky
IGBT
Diode
Trench3
FredFET
FRED
MosFET
MosFET
Trench4
CoolMOS
Std Rectifier
Diode
Trench4 Fast
Thyristor
Microsemi PMP offers a wide range of standard electrical configurations housed in various packages and capable to respond to many power conversion demands
asking for high power density and performance. Same topology can be offered with different semiconductors type.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com