Electronic Components Datasheet Search
  English  ▼

X  

APT100GT120JR Datasheet(PDF) 43 Page - Microsemi Corporation

Part # APT100GT120JR
Description  Power Semiconductors Power Modules
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT100GT120JR Datasheet(HTML) 43 Page - Microsemi Corporation

Back Button APT100GT120JR Datasheet HTML 36Page - Microsemi Corporation APT100GT120JR Datasheet HTML 37Page - Microsemi Corporation APT100GT120JR Datasheet HTML 38Page - Microsemi Corporation APT100GT120JR Datasheet HTML 39Page - Microsemi Corporation APT100GT120JR Datasheet HTML 40Page - Microsemi Corporation APT100GT120JR Datasheet HTML 41Page - Microsemi Corporation APT100GT120JR Datasheet HTML 42Page - Microsemi Corporation APT100GT120JR Datasheet HTML 43Page - Microsemi Corporation APT100GT120JR Datasheet HTML 44Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
43
Mini-Mod Surface Mount
Mini-Mod
VJ
9 Pin TO-249
TO-249
Twin Tower
SDM
Dim. Inches
Millimeters
A
B
C
D
F
G
H
K
L
M
A
D
K
M
C
F
G
Min.Max.
Min.Max. Notes
---
1.240
---
0.320
0.630
0.610
---
0.182
1.260
.925
0.340
---
0.640
.100
0.192
---
31.49
---
8.13
16.00
15.49
---
4.62
32.00
23.49
8.64
---
16.26
2.54
4.88
Dia.
B
H
H
L
2.650
5/16-18 UNC
2.00 BSC
67.31
50.80 BSC
Standard Polarity: Base plate is cathode
Reverse Polarity: Base plate is anode
Half Pak
H
J
G
A
E
K
L
F
C
D
B
Notes
38.61
39.62
A
1.56
.130
.160
.160
1.192
.625
.505
1/4-20 UNC-2B
.755
.775
.580
L
J
K
H
F
G
E
C
D
B
.120
.495
.525
.156
.745
.152
1.182
.605
.725
3.05
12.57
3.96
13.34
3.86
18.92
30.02
15.37
18.42
3.30
12.83
4.06
14.73
Dia.
19.18
4.06
30.28
15.88
19.69
Dia.
Sq.
Maximum
Dim. Inches
Minimum
1.52
Minimum
Millimeter
Maximum
Std. Polarity: Base is cathode
Rev. Polarity: Base is anode
Power Module Outlines
Pin out location depends on the module configuration. Please refer to
the product datasheet for pins assignment. All dimensions in millimeters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com