Electronic Components Datasheet Search
  English  ▼

X  

APT100GT120JR Datasheet(PDF) 19 Page - Microsemi Corporation

Part # APT100GT120JR
Description  Power Semiconductors Power Modules
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT100GT120JR Datasheet(HTML) 19 Page - Microsemi Corporation

Back Button APT100GT120JR Datasheet HTML 15Page - Microsemi Corporation APT100GT120JR Datasheet HTML 16Page - Microsemi Corporation APT100GT120JR Datasheet HTML 17Page - Microsemi Corporation APT100GT120JR Datasheet HTML 18Page - Microsemi Corporation APT100GT120JR Datasheet HTML 19Page - Microsemi Corporation APT100GT120JR Datasheet HTML 20Page - Microsemi Corporation APT100GT120JR Datasheet HTML 21Page - Microsemi Corporation APT100GT120JR Datasheet HTML 22Page - Microsemi Corporation APT100GT120JR Datasheet HTML 23Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
19
Custom Power Modules
Microsemi PMP has created the Application Specific Power Module (ASPM) concept and has been offering customized power modules since 1983. Microsemi PMP offers a
complete engineered solution with mix and match capabilities in term of package, configuration, performance and cost.
3 levels of customization are proposed offering different cost and low volume entry:
Change Options:
Die
Substrate
Base plate
Plastic lid
Terminals
NRE level
MOQ
Elect./thermal performance
Die P/N
Material
Material
-
-
None to low
5 to 10
pieces
Elect./thermal performance
+ electrical configuration
Die P/N
Material & Layout
Material
-
-
Low to medium
Elect./thermal performance
+ electrical configuration
+ module housing
Die P/N
Material & Layout
Material & Shape
Material & Shape
Shape
Medium to high
Microsemi PMP power modules are made of different sub-elements. Most of them are standard and can be re-used to build infinite solutions for the end user.
Microsemi PMP offers optimum development cost and cycle time thanks to long term experience and wide range of available technologies.
Power Modules Features
Customer Benefits
High Power Density
Size and cost reduction
Isolated and highly thermally conductive substrate
Excellent thermal management
Internal wiring
Reduced external hardware
Minimum parasitics
Improved performance
Minimum output terminals
Reduced assembly time
Mix & match components
Optimizes losses
Full engineered solutions
Easy upgrade/less parts counts/short time to market/IP protection
Great level of integration
Mix of Silicon within the same package
No quantity limitation
Application oriented
Standard and custom packages
Standard and custom terminals
Various substrate technologies
Coefficient of thermal expansion matching
FLEXIBILITY
TECHNOLOGY
PACKAGING CAPABILITY
RELIABILITY
APPLICATIONS
Solar - Welding - Plasma Cutting - Semicap - MRI & Xray - EV/HEV - Induction Heating - UPS - Motor control - Data Communication
Internal Printed Circuit Board
Not available in all modules.
Used to route gate signals tracks to small
signal terminals
Used to mount gate circuit and protection in
case of intelligent power module
Terminals
Screw on or Solder pins
Provides the user with power and signal
connections with minimum parasitic
resistance and inductance
Substrates
Al2O3, AlN, Si3N4
Provide isolation and good heat
transfer to the base plate
Package
Standard or Custom
Ensure environmental protection and
mechanical robustness
Power Semiconductor Die
IGBT, Mosfet, Diode, SiC, Thyristor,
Switching devices soldered to the
substrates and connected by ultrasonic
Al wire bonds
Base Plate
Improve the heat transfer to the heat sink
Copper for good thermal transfer
AlSiC, CuW, CuMoCu for improved
reliability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com