Electronic Components Datasheet Search
  English  ▼

X  

APT100GT120JR Datasheet(PDF) 12 Page - Microsemi Corporation

Part # APT100GT120JR
Description  Power Semiconductors Power Modules
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT100GT120JR Datasheet(HTML) 12 Page - Microsemi Corporation

Back Button APT100GT120JR Datasheet HTML 8Page - Microsemi Corporation APT100GT120JR Datasheet HTML 9Page - Microsemi Corporation APT100GT120JR Datasheet HTML 10Page - Microsemi Corporation APT100GT120JR Datasheet HTML 11Page - Microsemi Corporation APT100GT120JR Datasheet HTML 12Page - Microsemi Corporation APT100GT120JR Datasheet HTML 13Page - Microsemi Corporation APT100GT120JR Datasheet HTML 14Page - Microsemi Corporation APT100GT120JR Datasheet HTML 15Page - Microsemi Corporation APT100GT120JR Datasheet HTML 16Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
12
Datasheets available on www.microsemi.com
All Products RoHS Compliant
SIC SCHOTTKY Diodes
Part Numbers for D3
pack-
ages - replace ”B” with “S” in
part number
SINGLE
at IF = IF (avg)
TO-247[B]
TO
-247
D3 PAK[S]
TO-268
TO-220[K]
T-MAX®[B2]
TANDEM, DS DIODES FOR PFC BOOST APPLICATIONS
(2, 300V Diodes Connected In Series)
I
F (avg)
V
F (volts)
t
RR(ns)
Q
RR (nC)
Diode
Package
Volts
Amps
Typ 25OC
Typ 25OC
Typ 125OC
Series
Part Number
Style
15
2.8
21
960
DQ
APT15DQ120BG
TO-247
15
2.8
21
960
DQ
APT15DQ120KG
TO-220
15
2.0
32
1300
D
APT15D120BG
TO-247
15
2.0
32
1300
D
APT15D120KG
TO-220
30
2.8
24
1800
DQ
APT30DQ120BG
TO-247
1200
30
2.8
24
1800
DQ
APT30DQ120KG
TO-220
30
2.0
31
3450
D
APT30D120BG
TO-247
40
2.8
26
2200
DQ
APT40DQ120BG
TO-247
60
2.8
30
2800
DQ
APT60DQ120BG
TO-247
60
2.0
38
4000
D
APT60D120BG
TO-247 or D3
75
2.8
32
3340
DQ
APT75DQ120BG
TO-247
15
2.5
20
810
DQ
APT15DQ100BG
TO-247
15
2.5
20
810
DQ
APT15DQ100KG
TO-220
15
1.9
28
1550
D
APT15D100KG
TO-220
30
2.5
22
1250
DQ
APT30DQ100BG
TO-247
1000
30
2.5
22
1250
DQ
APT30DQ100KG
TO-247
30
1.9
29
2350
D
APT30D100BG
TO-247
40
2.5
24
1430
DQ
APT40DQ100BG
TO-247
60
2.5
29
2325
DQ
APT60DQ100BG
TO-247
60
1.9
34
3600
D
APT60D100BG
TO-247 or D3
75
2.5
33
2660
DQ
APT75DQ100BG
TO-247
15
2.0
16
250
DQ
APT15DQ60BG
TO-247
15
2.0
16
250
DQ
APT15DQ60KG
TO-220
15
1.6
21
520
D
APT15D60BG
TO-247
15
1.6
21
520
D
APT15D60KG
TO-220
30
2.0
19
400
DQ
APT30DQ60BG
TO-247
600
30
2.0
19
400
DQ
APT30DQ60KG
TO-220
30
1.6
23
700
D
APT30D60BG
TO-247
40
2.0
22
480
DQ
APT40DQ60BG
TO-247
60
2.0
26
640
DQ
APT60DQ60BG
TO-247
60
1.6
40
920
D
APT60D60BG
TO-247 or D3
75
2.0
29
650
DQ
APT75DQ60BG
TO-247
100
1.25
45
3800
DL
APT100DL60BG
TO-247
30
1.3
22
360
D
APT30D40BG
TO-247
400
60
1.3
30
540
D
APT60D40BG
TO-247
30
1.1
21
150
D
APT30D20BG
TO-247
30
0.83
25
448
Schottky
APT30S20BG
TO-247 or D3
200
60
1.1
30
250
D
APT60D20BG
TO-247
60
0.83
35
490
Schottky
APT60S20BG
TO-247 or D3 or T/R
100
0.89
40
690
Schottky
APT100S20BG
TO-247
600
15
3.2
13
85
DS
APT15DS60BG
TO-247
30
3.2
17
180
DS
APT30DS60BG
TO-247
Volts
I
F (avg)
Amps
V
Fvolts
Typ 25° C
Diode
Series
Part
Number
Package
Style
SINGLE
1200
10
1.5
SCD
APT10SCD120B
TO-247
10
1.5
SCD
APT10SCD120K
TO-220
20
1.5
SCD
APT20SCD120B
TO-247
20
1.5
SCD
APT20SCD120S
D3
30
1.5
SCD
APT30SCD120B
TO-247
30
1.5
SCD
APT30SCD120S
D3
DUAL
1200
10
1.5
SCD
APT10SCD120BCT
TO-247
New!
SIC SCHOTTKY DIODES
Ultra Fast Recovery Diodes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com