Electronic Components Datasheet Search
  English  ▼

X  

MSO5000B Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # MSO5000B
Description  Mixed Signal Oscilloscopes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSO5000B Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button MSO5000B Datasheet HTML 8Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 9Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 10Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 11Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 12Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 13Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 14Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 15Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Delay between any Two Channels
(Typical)
≤100 ps (50 Ω, DC coupling and equal V/div at or above 10 mV/div)
Offset range
1 mV/div - 50 mV/div
1 MΩ: ±1 V
50 Ω: ±1 V
50.5 mV/div - 99.5 mV/div
1 MΩ: ±0.5 V
50 Ω: ±0.5 V
100 mV/div - 500 mV/div
1 MΩ: ±10 V
50 Ω: ±10 V
505 mV/div - 995 mV/div
1 MΩ: ±5 V
50 Ω: ±5 V
1 V/div - 5 V/div
1 MΩ: ±100 V
50 Ω: ±5 V
5.05 V/div - 10 V/div
1 MΩ: ±50 V
50 Ω: NA
Offset Accuracy
±(0.005 × |offset – position| + DC Balance)
Note: Both position and constant offset term must be converted to volts by multiplying by the appropriate volts/div term
Channel-to-channel isolation (Any
two channels at equal vertical
scale settings) (typical)
≥100:1 at ≤100 MHz and ≥30:1 at >100 MHz up to the rated BW
Vertical system digital channels
Input Channels
16 Digital (D15 - D0)
Thresholds
Per-channel Thresholds
Threshold Selections
TTL, ECL, User
User-defined Threshold Range
±40 V
Threshold Accuracy
±(100 mV + 3% of threshold setting)
Maximum Input Voltage
±42 Vpeak
Input Dynamic Range
30 Vp-p ≤200 MHz
10 Vp-p >200 MHz
Minimum Voltage Swing
400 mV
Input Impedance
100 kΩ
Probe Loading
3 pF
Vertical Resolution
1 bit
Datasheet
Vertical system analog channels
12 www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com