Electronic Components Datasheet Search
  English  ▼

X  

MSO5000B Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # MSO5000B
Description  Mixed Signal Oscilloscopes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSO5000B Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button MSO5000B Datasheet HTML 12Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 13Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 14Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 15Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 16Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 17Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 18Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 19Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Acquisition system
Acquisition modes
Sample
Acquire sampled values
Peak detect
Captures narrow glitches as narrow as 100 ps (2 GHz and 1 GHz models) or 200 ps (500 MHz and 350 MHz models) at all real-
time sampling rates
Averaging
From 2 to 10,000 waveforms included in average
Envelope
Min-Max envelope reflecting Peak Detect data over multiple acquisitions
Hi-Res
Real-time boxcar averaging reduces random noise and increases resolution
Roll mode
Scrolls sequential waveform points across the display in a right-to-left rolling motion at sweep speeds slower than 50 ms/div. Up to
20 MS/s with a maximum record length of 10 M
FastAcq®
FastAcq optimizes the instrument for analysis of dynamic signals and capture of infrequent events
Maximum FastAcq waveform
capture rate
>250,000 wfms/s on all 4 channels simultaneously
Waveform database
Accumulate waveform database providing three-dimensional array of amplitude, time, and counts
FastFrame®
Acquisition memory divided into segments; maximum trigger rate >310,000 waveforms per second. Time of arrival recorded with
each event. Frame finder tool helps to visually identify transients
Automated Search and Mark
Automatically mark events and document waveforms. Search positive/negative slopes or both, glitches, runts, pulse widths,
transition rate, setup and hold, timeout, windows, or find any logic or state pattern, up to 8 different event types on any of the
4 analog channels. Search DDR Read or Write bursts with Opt. DDRA. Event table summarizes all found events. All events are
time stamped in reference to trigger position. Stop acquisitions when an event is found
Waveform analysis
Waveform measurements
Cursors
Waveform and Screen
Automatic measurements
53, of which 8 can be displayed on-screen at any one time. Measurements include: Period, Frequency, Delay, Rise Time, Fall
Time, Positive Duty Cycle, Negative Duty Cycle, Positive Width, Negative Width, Burst Width, Phase, Positive Overshoot, Negative
Overshoot, Peak-to-Peak, Amplitude, High, Low, Maximum, Minimum, Mean, Cycle Mean, RMS, Cycle RMS, Area, Cycle Area
Eye-pattern measurements
Extinction Ratio (absolute, %, dB), Eye Height, Eye Width, Eye Top, Eye Base, Crossing %, Jitter (p-p, RMS, 6sigma), Noise (p-p,
RMS), Signal/Noise Ratio, Cycle Distortion, Q-Factor
Measurement statistics
Mean, Minimum, Maximum, Standard Deviation
Reference levels
User-definable reference levels for automatic measurements can be specified in either percent or units
Gating
Isolate the specific occurrence within an acquisition to take measurements on, using either screen or waveform cursors
Waveform histogram
A waveform histogram provides an array of data values representing the total number of hits inside a user-defined region of the
display. A waveform histogram is both a visual graph of the hit distribution and a numeric array of values that can be measured.
Sources – Channel 1, Channel 2, Channel 3, Channel 4, Ref 1, Ref 2, Ref 3, Ref 4,Math 1,Math 2,Math 3,Math 4
Types – Vertical, Horizontal
Waveform histogram
measurements
Waveform Count, Hits in Box, Peak Hits, Median, Maximum, Minimum, Peak-to-Peak, Mean (μ), Standard Deviation (sigma),
μ +1sigma, μ +2sigma, μ +3sigma
Waveform processing/math
Arithmetic
Add, Subtract, Multiply, Divide waveforms and scalars
Algebraic expressions
Define extensive algebraic expressions including waveforms, scalars, user-adjustable variables, and results of parametric
measurements. Perform math on math using complex equations. e.g. (Integral (CH1 – Mean(CH1)) × 1.414 × VAR1)
Math functions
Average, Invert, Integrate, Differentiate, Square Root, Exponential, Log10, Log e, Abs, Ceiling, Floor, Min, Max, Sin, Cos, Tan,
ASin, ACos, ATan, Sinh, Cosh, Tanh
Relational
Boolean result of comparison >, <, ≥, ≤, ==, !=
Frequency domain functions
(FFT)
Spectral Magnitude and Phase, Real and Imaginary Spectra
FFT vertical units
Magnitude: Linear, dB, dBm
Phase: Degrees, radians, group delay
Datasheet
16 www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com