Electronic Components Datasheet Search
  English  ▼

X  

MSO5000B Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # MSO5000B
Description  Mixed Signal Oscilloscopes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSO5000B Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button MSO5000B Datasheet HTML 14Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 15Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 16Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 17Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 18Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 19Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 20Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 21Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Input output ports
USB 2.0 High-speed host ports
Supports USB mass storage devices, printers, keyboard, and mouse. Two ports on front and four ports on rear of instrument. Can
be disabled individually
USB 1.1 Full-speed device port
Rear-panel connector allows for communication/control of oscilloscope through USBTMC or GPIB (with a TEK-USB-488 adapter)
LAN port
RJ-45 connector, supports 10/100/1000BASE-T
Video out port
DB-15 female connector, connect to show the oscilloscope display on an external monitor or projector. Support for extended
desktop and clone mode
Audio ports
Miniature phono jacks
Keyboard port
PS/2 compatible
Mouse port
PS/2 compatible
Auxiliary input
Front-panel BNC connector. Input impedance 1 MΩ. Max input 300 VRMS with peaks ≤ ±425 V
Auxiliary out (software switchable) Trigger Out: A TTL compatible pulse when the oscilloscope triggers
Time Base Reference Out: A TTL compatible output of internal 10 MHz reference oscillator
External reference in
Time base system can phase lock to an external 10 MHz reference (10 MHz ±1%)
Probe compensator output
Front-panel pins
Amplitude: 2.5 V
Frequency: 1 kHz
LAN eXtensions for
Instrumentation (LXI)
Class: LXI Class C Version: 1.3
Optional TekVPI® external power
supply
Required when total oscilloscope probe power usage exceeds 15 W.
Output Voltage
12 V
Output Current
5 A
Power Consumption
50 W
Power source
Power source voltage
100 to 240 V ±10%
Power source frequency
45 Hz to 66 Hz (85 to 264 V)
360 Hz to 440 Hz (100 to 132 V)
Power consumption
275 W maximum
Datasheet
18 www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com