Electronic Components Datasheet Search
  English  ▼

X  

MSO5000B Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # MSO5000B
Description  Mixed Signal Oscilloscopes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSO5000B Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button MSO5000B Datasheet HTML 13Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 14Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 15Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 16Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 17Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 18Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 19Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 20Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
FFT window functions
Rectangular, Hamming, Hanning, Kaiser-Bessel, Blackman-Harris, Gaussian, Flattop2, Tek Exponential
Waveform definition
As an arbitrary math expression
Filtering functions
User-definable filters. Users specify a filter containing the coefficients of the filter. Filter files provided
Custom math functions
Custom MATLAB and .NET plug-ins can be included in the math waveform definition
Mask function
A function that generates a waveform database pixmap from a sample waveform. Sample count can be defined
Software
IVI driver
Provides a standard instrument programming interface for common applications such as LabVIEW, LabWindows/CVI,
Microsoft .NET and MATLAB. IVI-COM standard
LXI Class C web interface
Connect to the MSO/DPO5000B Series through a standard Web browser by simply entering the oscilloscope's IP address in the
address bar of the browser. The web interface enables viewing of instrument status and configuration, as well as status and
modification of network settings. All web interaction conforms to LXI Class C specification
Display system
Display type
10.4 in. (264 mm) liquid-crystal active-matrix color display with touch screen
Display resolution
1024 horizontal × 768 vertical pixels (XGA)
Waveform styles
Vectors, dots, variable persistence, infinite persistence
Color palettes
Normal, green, gray, temperature, spectral, and user defined
Display format
YT, XY
Computer system
Operating system
Windows 7 Ultimate 64-bit
Instrument operation verified with version 1.1 of the National Institute of Standards and Technology (NIST) DSS Baseline
Requirements, also known as the United States Government Configuration Baseline (USGCB)
CPU
Intel Core 2 Duo, ≥2 GHz processor
PC system memory
≥4 GB
Solid state disk drive
Removable solid state disk drive, ≥480 GB
Mouse
Optical wheel mouse, USB interface
Keyboard
Order 119-7083-xx for small keyboard; USB interface and hub
Mixed Signal Oscilloscopes - MSO5000B, DPO5000B Series
Waveform analysis
www.tektronix.com 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com