Electronic Components Datasheet Search
  English  ▼

X  

MPQ2451 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MPQ2451
Description  Industrial/Automotive-Grade 36V, 2MHz, 0.6A Step-Down Converter AEC-Q100 Qualified
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2451 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MPQ2451 Datasheet HTML 1Page - Monolithic Power Systems MPQ2451 Datasheet HTML 2Page - Monolithic Power Systems MPQ2451 Datasheet HTML 3Page - Monolithic Power Systems MPQ2451 Datasheet HTML 4Page - Monolithic Power Systems MPQ2451 Datasheet HTML 5Page - Monolithic Power Systems MPQ2451 Datasheet HTML 6Page - Monolithic Power Systems MPQ2451 Datasheet HTML 7Page - Monolithic Power Systems MPQ2451 Datasheet HTML 8Page - Monolithic Power Systems MPQ2451 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MPQ2451―INDUSTRIAL-GRADE 36V, 2MHz, 0.6A, STEP-DOWN CONVERTER, AEC-Q100 QUALIFIED
MPQ2451 Rev 1.02
www.MonolithicPower.com
2
5/3/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
Junction Temperature (TJ)
MPQ2451DT*
SOT23-6L
V7
-40°C to +125°C
MPQ2451DT-AEC1
SOT23-6L
V7
-40°C to +125°C
MPQ2451DG**
QFN-6L
V7
-40°C to +125°C
MPQ2451DG-AEC1
QFN-6L
V7
-40°C to +125°C
* For Tape & Reel, add suffix –Z (e.g. MPQ2451DT–Z).
For RoHS Compliant packaging, add suffix –LF (e.g. MPQ2451DT–LF–Z)
** For Tape & Reel, add suffix -Z (e.g. MPQ2451DG-Z)
For RoHS Compliant packaging, add suffix -LF (e.g. MPQ2451DG-LF-Z)
PACKAGE REFERENCE
BST
GND
FB
1
2
3
6
5
4
SW
VIN
EN
TOP VIEW
SOT23-6L
QFN-6L
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage (VIN)......................-0.3V to +40V
Switch Voltage (VSW)............ -0.3V to (VIN+0.3V)
BST to SW ..................................... -0.3 to +5.0V
All Other Pins..............................–0.3V to +5.0V
Continuous Power Dissipation (TA = 25°C)
(2)
SOT23-6L ................................................ 0.57W
QFN-6L .................................................... 1.56W
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature............... -65°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VIN ...........................3.3V to 36V
Output Voltage VOUT................... 0.8V to 0.9·VIN
Maximum Junction Temp. (TJ) ................+125°C
Thermal Resistance
(4)
θJA
θJC
SOT23-6L ..............................220 .... 110 .. °C/W
QFN-6L ...................................80 ...... 16 ... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com