Electronic Components Datasheet Search
  English  ▼

X  

MPQ2451 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MPQ2451
Description  Industrial/Automotive-Grade 36V, 2MHz, 0.6A Step-Down Converter AEC-Q100 Qualified
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2451 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MPQ2451 Datasheet HTML 7Page - Monolithic Power Systems MPQ2451 Datasheet HTML 8Page - Monolithic Power Systems MPQ2451 Datasheet HTML 9Page - Monolithic Power Systems MPQ2451 Datasheet HTML 10Page - Monolithic Power Systems MPQ2451 Datasheet HTML 11Page - Monolithic Power Systems MPQ2451 Datasheet HTML 12Page - Monolithic Power Systems MPQ2451 Datasheet HTML 13Page - Monolithic Power Systems MPQ2451 Datasheet HTML 14Page - Monolithic Power Systems MPQ2451 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MPQ2451―INDUSTRIAL-GRADE 36V, 2MHz, 0.6A, STEP-DOWN CONVERTER, AEC-Q100 QUALIFIED
MPQ2451 Rev 1.02
www.MonolithicPower.com
11
5/3/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Output Voltage
The output voltage is set using a resistive
voltage divider from the output voltage to the
FB pin. The voltage divider sets VOUT and VFB
using the following equation:
2
R
1
R
2
R
V
V
OUT
FB
+
=
Thus the output voltage is:
2
R
)
2
R
1
R
(
V
V
FB
OUT
+
=
The feedback resistor R1 also sets the
feedback loop bandwidth with the internal
compensation capacitor.
Choose R1 around 124kΩ for optimal transient
response. R2 is then given by:
OUT
R1
R2
V
1
0.8V
=
−
Table 1: Resistor Selection vs. Output Voltage
Setting
VOUT
R1
R2
0.8V
124kΩ (1%)
NS
1.2V
124kΩ (1%)
249kΩ (1%)
3.3V
124kΩ (1%)
40.2kΩ (1%)
5V
124kΩ (1%)
23.7kΩ (1%)
Inductor
The inductor supplies constant current to the
output load while being driven by the switched
input voltage. A larger-value inductor will result
in less ripple current and lower output ripple
voltage. However, the larger-value inductor is
typically physically larger, has a higher series
resistance, or has a lower saturation current.
To determine the inductance, allow the peak-to-
peak ripple current in the inductor to be
approximately 30% of the maximum load
current. Also, chose a peak inductor current
below the maximum switch current limit. The
inductance value can be calculated by:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
=
IN
OUT
L
S
OUT
V
V
1
ΔI
f
V
1
L
Where VOUT is the output voltage, VIN is the input
voltage, fS is the switching frequency, and ΔIL is
the peak-to-peak inductor ripple current.
Choose an inductor that will not saturate under
the maximum inductor peak current. The peak
inductor current can be calculated by:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
×
+
=
IN
OUT
S
OUT
LOAD
LP
V
V
1
1
L
f
2
V
I
I
Where ILOAD is the load current.
Table 2 lists a number of suitable inductors
from various manufacturers. The choice of
which style inductor to use mainly depends on
the price vs. size requirements and any EMI
requirement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com