Electronic Components Datasheet Search
  English  ▼

X  

MPQ2451 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MPQ2451
Description  Industrial/Automotive-Grade 36V, 2MHz, 0.6A Step-Down Converter AEC-Q100 Qualified
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2451 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MPQ2451 Datasheet HTML 1Page - Monolithic Power Systems MPQ2451 Datasheet HTML 2Page - Monolithic Power Systems MPQ2451 Datasheet HTML 3Page - Monolithic Power Systems MPQ2451 Datasheet HTML 4Page - Monolithic Power Systems MPQ2451 Datasheet HTML 5Page - Monolithic Power Systems MPQ2451 Datasheet HTML 6Page - Monolithic Power Systems MPQ2451 Datasheet HTML 7Page - Monolithic Power Systems MPQ2451 Datasheet HTML 8Page - Monolithic Power Systems MPQ2451 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MPQ2451―INDUSTRIAL-GRADE 36V, 2MHz, 0.6A, STEP-DOWN CONVERTER, AEC-Q100 QUALIFIED
MPQ2451 Rev 1.02
www.MonolithicPower.com
4
5/3/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
SOT23-6L
Pin #
QFN-6L
Pin #
Name
Description
1
6
BST
Bootstrap. Positive power supply for the internal floating high-side
MOSFET driver. Connect a bypass capacitor between this pin and SW
pin.
2
5
GND
Ground. Connect the output capacitor as close to this pin as possible.
Avoid routing near high-current switch paths.
3
4
FB
Feedback. Input to the error amplifier. Connected to an external resistive
divider between output and GND; compared against the internal 0.8V
reference to set the regulation voltage.
4
3
EN
Enable Input. Pull this pin below the specified threshold to shut the chip
down. Pull it above the specified threshold to enable the chip. Float this
pin to disable the chip.
5
2
VIN
Input Supply. Supplies power to all internal control circuitry; both BS
regulators and the high side switch. Requires a decoupling capacitor to
ground close to this pin to reduce switching spikes.
6
1
SW
Switch Node. Output of the high-side switch. Requires a low VF Schottky
diode to ground close to this pin to reduce switching spikes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com