Electronic Components Datasheet Search
  English  ▼

X  

MPQ2451 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MPQ2451
Description  Industrial/Automotive-Grade 36V, 2MHz, 0.6A Step-Down Converter AEC-Q100 Qualified
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2451 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MPQ2451 Datasheet HTML 5Page - Monolithic Power Systems MPQ2451 Datasheet HTML 6Page - Monolithic Power Systems MPQ2451 Datasheet HTML 7Page - Monolithic Power Systems MPQ2451 Datasheet HTML 8Page - Monolithic Power Systems MPQ2451 Datasheet HTML 9Page - Monolithic Power Systems MPQ2451 Datasheet HTML 10Page - Monolithic Power Systems MPQ2451 Datasheet HTML 11Page - Monolithic Power Systems MPQ2451 Datasheet HTML 12Page - Monolithic Power Systems MPQ2451 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MPQ2451―INDUSTRIAL-GRADE 36V, 2MHz, 0.6A, STEP-DOWN CONVERTER, AEC-Q100 QUALIFIED
MPQ2451 Rev 1.02
www.MonolithicPower.com
9
5/3/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
OPERATION
The MPQ2451 is a 2MHz, non-synchronous,
step-down switching regulator with an integrated
high-side high voltage power MOSFET. It
provides
an
internally-compensated,
highly-
efficient output of up to 0.6A with current mode
control. It also features wide input voltage range,
internal soft-start control, and a precision current
limit. Its very low operational quiescent current
makes
it
suitable
for
battery-powered
applications.
PWM Control
At
moderate-to-high
output
current,
the
MPQ2451 operates in a fixed-frequency peak-
current–control mode to regulate the output
voltage. A PWM cycle—initiated by the internal
clock—turns the power MOSFET on, and the
MOSFET remains on until its current reaches the
value set by COMP voltage. When the PWM
signal goes low, the power switch turns off and
remains off for at least 100ns before the next
cycle starts.
If the current in the power MOSFET does not
reach COMP set current value within one PWM
cycle, the power MOSFET remains on to avoid a
turn-off operation.
Pulse-Skipping Mode
Under light-load conditions, the MPQ2451 goes
into pulse-skipping mode to improve efficiency.
Pulse-skipping triggers when the COMP voltage
drops below the internal sleep threshold, which
generates a PAUSE command to block the turn-
on clock pulse so the power MOSFET does not
turn ON; this procedure reduces gate driving and
switching losses. This PAUSE command causes
the whole chip to enter sleep mode, reducing the
quiescent current to further improve the light load
efficiency.
When the COMP voltage exceeds the sleep
threshold, the PAUSE signal resets and the chip
resumes normal PWM operation. Whenever the
PAUSE changes state from low to high, the PWM
signal immediately goes HIGH and turns on the
power MOSFET.
Error Amplifier
The error amplifier is composed of an internal op-
amp with an RC feedback network connected
between its output node (internal COMP node)
and its negative input node (FB). When the FB
voltage drops below the internal reference
voltage (VREF), the op-amp drives the COMP
output high, causing a higher switch peak current
output and delivering more energy to the output.
Conversely, when the FB voltage rises above
VREF, the switch peak current output drops.
When using the FB pin, connect to the tap of a
voltage divider that is connected between VOUT
and GND composed of R1 and R2; R1 also serves
to control the gain of the error amplifier in
addition to the internal compensation RC network.
Internal Regulator
The 2.6V internal regulator powers most of the
internal circuitry. This regulator takes the VIN
input and operates in the full VIN range. When
VIN is greater than 3.0V, the output of the
regulator is in full regulation. When VIN drops
below 3.0V, the output degrades.
Enable Control
The MPQ2451 has a dedicated enable control
pin, EN. When VIN rises above threshold, the EN
pin can enable or disable the chip for HIGH
effective logic. Its falling threshold is 1.2V, and its
rising threshold is about 1.6V. When floated, the
EN pin is internally pulled down to GND to
disable the.
When the EN voltage is pulled to 0V, the chip
enters the lowest shutdown current mode. When
the EN voltage rises above 0V but lower than
rising threshold, the chip remains in shutdown
mode with a slightly higher shutdown current.
Under Voltage Lockout (UVLO)
VIN under-voltage lockout (UVLO) protects the
chip from operating at an insufficient supply
voltage.
The
UVLO
rising
threshold
is
approximately 2.9V while its falling threshold is
2.6V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com