Electronic Components Datasheet Search
  English  ▼

X  

MPQ2451 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MPQ2451
Description  Industrial/Automotive-Grade 36V, 2MHz, 0.6A Step-Down Converter AEC-Q100 Qualified
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2451 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MPQ2451 Datasheet HTML 1Page - Monolithic Power Systems MPQ2451 Datasheet HTML 2Page - Monolithic Power Systems MPQ2451 Datasheet HTML 3Page - Monolithic Power Systems MPQ2451 Datasheet HTML 4Page - Monolithic Power Systems MPQ2451 Datasheet HTML 5Page - Monolithic Power Systems MPQ2451 Datasheet HTML 6Page - Monolithic Power Systems MPQ2451 Datasheet HTML 7Page - Monolithic Power Systems MPQ2451 Datasheet HTML 8Page - Monolithic Power Systems MPQ2451 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MPQ2451―INDUSTRIAL-GRADE 36V, 2MHz, 0.6A, STEP-DOWN CONVERTER, AEC-Q100 QUALIFIED
MPQ2451 Rev 1.02
www.MonolithicPower.com
3
5/3/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, VEN = 2V, TJ= -40°C to +125°C, unless otherwise noted. Typical values are at TJ = 25°C.
Parameter
Symbol
Condition
Min
Typ
Max
Units
4.0V < VIN < 36V
0.774
0.794
0.814
Feedback Voltage
VFB
3.3V < VIN < 4.0V
0.766
0.794
0.822
V
Feedback Bias Current
0.05
1.0
μA
Upper Switch On Resistance
RDS(ON)
VBST-VSW=5V
TJ= 25°C
500
mΩ
Upper Switch Leakage
VEN = 0V, VSW = 0V
0.5
2
μA
Current Limit
ILIM
0.65
1
A
COMP to Current Sense
Transconductance
GCS
3
A/V
VIN UVLO Up Threshold
2.7
3.29
V
VIN UVLO Hysteresis
0.4
V
Soft-Start Time
FB from 0 to 0.794V
0.5
1
ms
Oscillator Frequency
fSW
1.4
2
2.6
MHz
Minimum Switch On Time
tON
100
ns
Shutdown Supply Current
IS
VEN < 0.3V
3
30
μA
Quiescent Supply Current
IQ
No load, VFB=0.9,
no switching
130
200
µA
Thermal Shutdown
150
°C
Enable High Threshold
VIH
Low-to-High
1.35
1.5
1.8
V
Enable Threshold Hysteresis
400
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com