Electronic Components Datasheet Search
  English  ▼

X  

AD9851FSPCB Datasheet(PDF) 20 Page - Analog Devices

Part # AD9851FSPCB
Description  CMOS 180 MHz DDS/DAC Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9851FSPCB Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9851FSPCB Datasheet HTML 16Page - Analog Devices AD9851FSPCB Datasheet HTML 17Page - Analog Devices AD9851FSPCB Datasheet HTML 18Page - Analog Devices AD9851FSPCB Datasheet HTML 19Page - Analog Devices AD9851FSPCB Datasheet HTML 20Page - Analog Devices AD9851FSPCB Datasheet HTML 21Page - Analog Devices AD9851FSPCB Datasheet HTML 22Page - Analog Devices AD9851FSPCB Datasheet HTML 23Page - Analog Devices AD9851FSPCB Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD9851
–20–
23a. FSPCBTop Layer
23b. FSPCB Power Plane
23c. FSPCB Ground Plane
23d. FSPCB Bottom Layer
Figure 23. FSPCB Evaluation Board 4-Layer PCB Layout Patterns
AD9851/FSPCB Evaluation Board Parts List—GSO 0516(A)
Miscellaneous Hardware
Ref. Des.
1 Amp 552742-1, 36-Pin Plastic, Right Angle,
PC Mount, Female
J1
1 Banana Jack–Color Not Important
J2
1 Yellow Banana Jack
J3
1 Black Banana Jack
J4
2 BNC Coax. Connector, PC Mount
J5, J6
1 AD9851/FSPCB Evaluation Board
GSO 0516(A)
None
4 AMP 5-330808-6, Open-Ended Pin Socket
None
2 #2-56 Hex Nut (to Fasten J1)
None
2 #2-56  3/8 Binder Head Machine Screw
(to Fasten J1)
None
4 #4-40 Hex Nut (to Fasten Standoffs to Board)
None
4 #4 1-In Metal Stand-Off
None
Miscellaneous Hardware
Ref. Des.
Decoupling Capacitors
7 Size 1206 Chip Capacitor, 0.1 µF
C2–C5,
C8–C10
2 Tantalum Capacitors, 10 µF
C6, C7
Resistors
1 25  Chip Resistor, Size 1206
R5
2 50  Chip Resistor, Size 1206
R2, R4
1 3.9 k Chip Resistor, Size 1206
R1
4 2 k or 2.2 k Chip Resistor, Size 1206
R3, R8,
R9, R10
2 1 k Chip Resistor, Size 1206
R6, R7
Integrated Circuits
1 AD9851 Direct Digital Synthesizer, Surface-mount U1
2 74HCT574AN HCMOS Octal Flip-Flop,
Through-Hole Mount
U2, U3
REV. D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com