Electronic Components Datasheet Search
  English  ▼

X  

LXT9785 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # LXT9785
Description  Advanced 8-Port 10/100 Mbps PHY Transceivers
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LXT9785 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button LXT9785 Datasheet HTML 41Page - List of Unclassifed Manufacturers LXT9785 Datasheet HTML 42Page - List of Unclassifed Manufacturers LXT9785 Datasheet HTML 43Page - List of Unclassifed Manufacturers LXT9785 Datasheet HTML 44Page - List of Unclassifed Manufacturers LXT9785 Datasheet HTML 45Page - List of Unclassifed Manufacturers LXT9785 Datasheet HTML 46Page - List of Unclassifed Manufacturers LXT9785 Datasheet HTML 47Page - List of Unclassifed Manufacturers LXT9785 Datasheet HTML 48Page - List of Unclassifed Manufacturers LXT9785 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 244 page
background image
Page 45
Cortina Systems® LXT9785 and LXT9785E Advanced 8-Port 10/100 Mbps PHY Transceivers
LXT9785/LXT9785E
Datasheet
249241, Revision 12.0
04 November 2011
3.2 PQFP Signal Descriptions
198
197
E16,
F14
RxData7_0
RxData7_1
O, TS
O, TS, ID
Receive Data - Port 7.
Receive data signals (2-bit parallel di-bits) are driven
synchronously to REFCLK.
58
49
39
31
17
10
1
200
E4,
C4,
A5,
B8,
B12,
D12,
B16,
E15
CRS_DV0
CRS_DV1
CRS_DV2
CRS_DV3
CRS_DV4
CRS_DV5
CRS_DV6
CRS_DV7
O, TS, SL,
ID
Carrier Sense/Receive Data Valid - Ports 0-7.
On detection of valid carrier, these signals are asserted
asynchronously with respect to REFCLK. CRS_DVn is
de-asserted on loss of carrier, synchronous to
REFCLK.
59
50
40
32
20
11
2
201
D2,
D5,
D7,
C8,
A12,
A15,
A17,
D17
RxER0
RxER1
RxER2
RxER3
RxER4
RxER5
RxER6
RxER7
O, TS, SL,
ID
Receive Error - Ports 0-7.
These signals are synchronous to the respective
REFCLK. Active High indicates that received code
group is invalid, or that PLL is not locked.
The RxER signals have the following additional
function pins:
RxER0 (MDIX)
RxER1 (PAUSE)
RxER2 (PREASEL)
RxER4 (FIFOSEL0)
RxER5 (FIFOSEL1)
RxER6 (LINKHOLD)
Table 5
RMII Signal Descriptions – PQFP (Sheet 3 of 3)
Pin-Ball
Designation
Symbol
Type1
Signal Description2,3
PQFP
PBGA
1. Type Column Coding: I = Input, O = Output, OD = Open Drain output, ST = Schmitt Triggered input, TS =
Three-State-able output, SL = Slew-rate Limited output, IP = weak Internal Pull-up, ID = weak Internal
pull-Down.
2. The IP/ID resistors are disabled during H/W Power-Down mode. If a Pin is an output or an I/O, the IP/ID
resistors are also disabled when the output is enabled.
3. RxData[0:7]_0, RxData[0:7]_1, CRS_DV[0:7] and RxER[0:7] outputs are three-stated in Isolation and H/W
Power-Down modes and during H/W reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com