Electronic Components Datasheet Search
  English  ▼

X  

MPQ28261 Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MPQ28261
Description  21V, 3A, 500kHz Synchronous Step-Down Coverter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ28261 Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MPQ28261 Datasheet HTML 12Page - Monolithic Power Systems MPQ28261 Datasheet HTML 13Page - Monolithic Power Systems MPQ28261 Datasheet HTML 14Page - Monolithic Power Systems MPQ28261 Datasheet HTML 15Page - Monolithic Power Systems MPQ28261 Datasheet HTML 16Page - Monolithic Power Systems MPQ28261 Datasheet HTML 17Page - Monolithic Power Systems MPQ28261 Datasheet HTML 18Page - Monolithic Power Systems MPQ28261 Datasheet HTML 19Page - Monolithic Power Systems MPQ28261 Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
MPQ28261 – 21V, 3A, 500kHz SYNCHRONOUS STEP-DOWN CONVERTER
MPQ28261 Rev. 1.12
www.MonolithicPower.com
18
10/10/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
SS
PG
EN
GND
VIN
NS
C5
20k
R3
10k
R1
C3
5.0V/3A
GND
VCC
100k
R9
100k
R4
1.36k
R2
0
R6
C2A
C2C
VOUT
C1A
C4
24k
R8
MPQ28261
C1B
20
R5
L1
51
R7
47nF
C7
15pF
C6
C2B
VCC
11
EN
7
IN
1
SW
PG
9
SS
10
FB
8
BST
6
2,3,4,5
U1
SW
FB
EN
VCC
VIN
PG
SS
T
U
O
V
W
S
FB
Figure 10: VOUT = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com