Electronic Components Datasheet Search
  English  ▼

X  

MPQ28261 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MPQ28261
Description  21V, 3A, 500kHz Synchronous Step-Down Coverter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ28261 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MPQ28261 Datasheet HTML 10Page - Monolithic Power Systems MPQ28261 Datasheet HTML 11Page - Monolithic Power Systems MPQ28261 Datasheet HTML 12Page - Monolithic Power Systems MPQ28261 Datasheet HTML 13Page - Monolithic Power Systems MPQ28261 Datasheet HTML 14Page - Monolithic Power Systems MPQ28261 Datasheet HTML 15Page - Monolithic Power Systems MPQ28261 Datasheet HTML 16Page - Monolithic Power Systems MPQ28261 Datasheet HTML 17Page - Monolithic Power Systems MPQ28261 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
MPQ28261 – 21V, 3A, 500kHz SYNCHRONOUS STEP-DOWN CONVERTER
MPQ28261 Rev. 1.12
www.MonolithicPower.com
14
10/10/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
When the silicon die temperature exceeds
150°C, the whole chip shuts down: The HS-FET
and LS-FET turn off, and the SS pin voltage
goes low. When the temperature drops below
the lower threshold—typically 140°C—the chip
restarts with an SS.
Floating Driver and Bootstrap Charging
The floating power MOSFET driver has several
features to ensure stability and functionality,
such as its own UVLO protection with a rising
threshold of 2.2V and a hysteresis of 150mV.
An external bootstrap capacitor—regulated
internally by VIN through D1, M1, C4, L1 and C2
(see
Figure
4)—powers
this
driver.
U1
regulates M1 to maintain a 5V BST voltage
across C4 whenever (VIN-VSW) > 5V.
VIN
VOUT
D1
M1
BST
C4
L1
SW
U1
5V
C2
Figure 4: Internal Bootstrap Charging Circuit
Startup and Shutdown
When VIN and EN exceed their respective
thresholds, the chip starts. The reference block
starts first, generating stable reference voltages
and currents, and then the internal regulator is
enabled. The regulator provides a stable power
supply for the rest of the device.
Three events can shut down the chip: EN low,
VIN low, and thermal shutdown. In shutdown,
the signaling path shuts down first to avoid
triggering any faults. Then the COMP voltage
and the internal supply rail are pulled down.
The floating driver is not subject to this
shutdown command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com