Electronic Components Datasheet Search
  English  ▼

X  

MPQ28261 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MPQ28261
Description  21V, 3A, 500kHz Synchronous Step-Down Coverter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ28261 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MPQ28261 Datasheet HTML 7Page - Monolithic Power Systems MPQ28261 Datasheet HTML 8Page - Monolithic Power Systems MPQ28261 Datasheet HTML 9Page - Monolithic Power Systems MPQ28261 Datasheet HTML 10Page - Monolithic Power Systems MPQ28261 Datasheet HTML 11Page - Monolithic Power Systems MPQ28261 Datasheet HTML 12Page - Monolithic Power Systems MPQ28261 Datasheet HTML 13Page - Monolithic Power Systems MPQ28261 Datasheet HTML 14Page - Monolithic Power Systems MPQ28261 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MPQ28261 – 21V, 3A, 500kHz SYNCHRONOUS STEP-DOWN CONVERTER
MPQ28261 Rev. 1.12
www.MonolithicPower.com
11
10/10/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
FUNCTIONAL BLOCK DIAGRAM
HS
Driver
LS
Driver
Boost
Regulator
Oscillator
Current Sense
Amplifier
Current Limit
Comparator
Comparator
On Time
Control Logic
Control
Error Amplifier
Reference
VCC
Regulator
PG Comparator
1MEG
1pF
50pF
400 k
GND
SW
BST
FB
EN
PG
VCC
IN
RSEN
VCC
SS
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com