Electronic Components Datasheet Search
  English  ▼

X  

MPQ28261 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPQ28261
Description  21V, 3A, 500kHz Synchronous Step-Down Coverter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ28261 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPQ28261 Datasheet HTML 1Page - Monolithic Power Systems MPQ28261 Datasheet HTML 2Page - Monolithic Power Systems MPQ28261 Datasheet HTML 3Page - Monolithic Power Systems MPQ28261 Datasheet HTML 4Page - Monolithic Power Systems MPQ28261 Datasheet HTML 5Page - Monolithic Power Systems MPQ28261 Datasheet HTML 6Page - Monolithic Power Systems MPQ28261 Datasheet HTML 7Page - Monolithic Power Systems MPQ28261 Datasheet HTML 8Page - Monolithic Power Systems MPQ28261 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MPQ28261
21V, 3A, 500kHz Synchronous
Step-Down Coverter
MPQ28261 Rev. 1.12
www.MonolithicPower.com
1
10/10/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MPQ28261 is a synchronous, rectified,
step-down, switch-mode converter with built-in
120mΩ high-side MOSFET and 20mΩ low-side
MOSFET. It offers a very compact solution to
achieve a continuous 3A output current over a
wide input supply range, with excellent load and
line regulation. Its synchronous mode operation
increases its efficiency over its output current
load range, and uses a fixed 500kHz switching
frequency.
Current mode operation provides a fast
transient
response
and
improves
loop
stabilization. Full protection features include
over-current protection and thermal shut down.
The MPQ28261 has an external SS pin to
program the soft-start time and power-good
signal output.
The MPQ28261 requires a minimal number of
readily-available standard external components
and is available in a space saving 3mmx4mm
14-pin QFN package.
FEATURES
• Wide 4.5V-to-21V Operating Input Range
• 3A Maximum Continuous Output Current
• Integrated 120mΩ High-Side and 20mΩ
Low-Side Power MOSFETs
• 1% Reference Voltage Accuracy
• Up to 85% Efficiency (for Drops of 12V to
1.2V)
• Fixed 500kHz Switching Frequency
• External Soft-Start
• PG Output
• OCP and Thermal Shutdown
• Output Adjustable from 0.603V to 18V
• Available in a 3mm x 4mm 14-pin QFN
Package.
APPLICATIONS
• DSL Modems
• Cable Modems
• Set-Top Boxes
• Telecom
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
L1
2.8uH
C3
0.1uF
C1
22uF
C2
47uF
AGND
FB
SW
BST
IN
PG
EN
4.5V-21V
MPQ28261
VOUT
1.2V/3A
R10
100K
VCC
C4
0.1uF
R1
10K
R2
10K
ON/OFF
1
9
11
7
14
6
2,3,4,5
8
Rt
24K
VIN
VCC
SS
C7
47nF
GND
12,13
10
Efficiency vs. Load Current
VOUT=1.2V
LOAD CURRENT (A)
0
10
20
30
40
50
60
70
80
90
100
00.5
11.5
22.5
33.5
V
IN=21V
V
IN=12V
V
IN=4.5V


Similar Part No. - MPQ28261

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ28261DL MPS-MPQ28261DL Datasheet
343Kb / 6P
21V, 3A 500kHz Synchronous Step-down Converter EV Board
More results

Similar Description - MPQ28261

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7263A RICHTEK-RT7263A Datasheet
454Kb / 17P
3A, 21V 500kHz Synchronous Step-Down Converter
RT7263B RICHTEK-RT7263B Datasheet
353Kb / 15P
3A, 21V 500kHz Synchronous Step-Down Converter
RT7263E RICHTEK-RT7263E Datasheet
384Kb / 17P
3A, 21V 500kHz Synchronous Step-Down Converter
RT8287 RICHTEK-RT8287 Datasheet
348Kb / 14P
3A, 21V 500kHz Synchronous Step-Down Converter
RT8288 RICHTEK-RT8288 Datasheet
325Kb / 14P
3A, 21V 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8716 MPS-MP8716 Datasheet
321Kb / 14P
High Efficiency 3A, 21V, 500kHz Synchronous Step-down Converter
MP28253 MPS-MP28253 Datasheet
373Kb / 15P
21V, 3A, 500kHz Synchronous Step-down Converter
MP28256 MPS-MP28256 Datasheet
360Kb / 13P
21V, 3A 500kHz Synchronous Step-Down Coverter
MP28266 MPS-MP28266 Datasheet
284Kb / 14P
21V, 3A, 500kHz, Synchronous Step-Down Converter
EVQ28261-L-00A MPS-EVQ28261-L-00A Datasheet
343Kb / 6P
21V, 3A 500kHz Synchronous Step-down Converter EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com