Electronic Components Datasheet Search
  English  ▼

X  

AM79C978 Datasheet(PDF) 142 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 142 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 138Page - Advanced Micro Devices AM79C978 Datasheet HTML 139Page - Advanced Micro Devices AM79C978 Datasheet HTML 140Page - Advanced Micro Devices AM79C978 Datasheet HTML 141Page - Advanced Micro Devices AM79C978 Datasheet HTML 142Page - Advanced Micro Devices AM79C978 Datasheet HTML 143Page - Advanced Micro Devices AM79C978 Datasheet HTML 144Page - Advanced Micro Devices AM79C978 Datasheet HTML 145Page - Advanced Micro Devices AM79C978 Datasheet HTML 146Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 261 page
background image
142
Am79C978
system
may
insert
into
an
Am79C978
controller
master
transfer. If this value of bus laten-
cy is exceeded, then a MERR will
be indicated in CSR0, bit 11, and
an interrupt may be generated,
depending upon the setting of the
MERRM bit (CSR3, bit 11) and
the IENA bit (CSR0, bit 6).
The value in this register is inter-
preted as the unsigned number of
bus clock periods divided by two,
(i.e., the value in this register is
given in 0.1 ms increments). For
example, the value 0600h (1536
decimal) will cause a MERR to be
indicated after 153.6 ms of bus
latency. A value of 0 will allow an
infinitely long bus latency, i.e.,
bus timeout error will never oc-
cur.
These bits are read/write acces-
sible only when either the STOP
or the SPND bit is set. This regis-
ter is set to 0600h by H_RESET
or S_RESET and is unaffected by
STOP.
CSR112: Missed Frame Count
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
MFC
Missed Frame Count. Indicates
the number of missed frames.
MFC will roll over to a count of 0
from the value 65535. The MFCO
bit of CSR4 (bit 8) will be set each
time that this occurs.
Read accessible always. MFC is
read only, write operations are ig-
nored.
MFC
is
cleared
by
H_RESET, or S_RESET or by
setting the STOP bit.
CSR114: Receive Collision Count
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
RCC
Receive Collision Count. Indi-
cates the total number of colli-
sions
encountered
by
the
receiver since the last reset of the
counter.
RCC will roll over to a count of 0
from
the
value
65535.
The
RCVCCO bit of CSR4 (bit 5) will
be set each time that this occurs.
These bits are read accessible al-
ways. RCC is read only, write op-
erations are ignored. RCC is
cleared
by
H_RESET
or
S_RESET, or by setting the
STOP bit.
CSR116: OnNow Power Mode Register
Note: Bits 15-0 in this register are programmable
through the EEPROM.
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
10 PME_EN_OVR PME_EN Overwrite. When this
bit is set and the MPMAT or
LCDET bit is set, the PME pin will
always be asserted regardless of
the state of the PME_EN bit.
These bits are read/write accessi-
ble only when either the STOP bit
or the SPND bit is set. Cleared by
H_RESET and is not affected by
S_RESET or setting the STOP
bit.
9
LCDET
Link Change Detected. This bit is
set when the MII auto-polling log-
ic detects a change in link status
and the LCMODE bit is set.
LCDET is cleared when power is
initially applied (POR).
This bit is always read/write ac-
cessible.
8
LCMODE
Link Change Wake-up Mode.
When this bit is set to 1, the
LCDET bit gets set when the MII
auto polling logic detects a Link
Change.
Read/Write accessible only when
either the STOP bit or the SPND
bit is set. Cleared by H_RESET
and is not affected by S_RESET
or setting the STOP bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com