Electronic Components Datasheet Search
  English  ▼

X  

AM79C978 Datasheet(PDF) 145 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 145 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 141Page - Advanced Micro Devices AM79C978 Datasheet HTML 142Page - Advanced Micro Devices AM79C978 Datasheet HTML 143Page - Advanced Micro Devices AM79C978 Datasheet HTML 144Page - Advanced Micro Devices AM79C978 Datasheet HTML 145Page - Advanced Micro Devices AM79C978 Datasheet HTML 146Page - Advanced Micro Devices AM79C978 Datasheet HTML 147Page - Advanced Micro Devices AM79C978 Datasheet HTML 148Page - Advanced Micro Devices AM79C978 Datasheet HTML 149Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 261 page
background image
Am79C978
145
Bus Configuration Registers (BCRs)
The BCRs are used to program the configuration of the
bus interface and other special features of the
Am79C978 controller that are not related to the IEEE
802.3 MAC functions. The BCRs are accessed by first
setting the appropriate RAP value and then by perform-
ing a slave access to the BDP. See Table 35.
All BCR registers are 16 bits in width in Word I/O mode
(DWIO = 0, BCR18, bit 7) and 32 bits in width in DWord
I/O mode (DWIO = 1). The upper 16 bits of all BCR reg-
isters is undefined when in DWord I/O mode. These
bits should be written as zeros and should be treated
as undefined when read. The default value given for
any BCR is the value in the register after H_RESET.
Some of these values may be changed shortly after
H_RESET when the contents of the external EEPROM
is automatically read in. None of the BCR register val-
ues are affected by the assertion of the STOP bit or
S_RESET.
Note that several registers have no default value.
BCR0, BCR1, BCR3, BCR8, BCR10-17, and BCR21
are reserved and have undefined values. BCR2 and
BCR34 are not observable without first being pro-
grammed through the EEPROM read operation or a
user register write operation.
BCR0, BCR1, BCR16, BCR17, and BCR21 are regis-
ters that are used by other devices in the PCnet family.
Writing to these registers have no effect on the opera-
tion of the Am79C978 controller.
Writes to those registers marked as “Reserved” will
have no effect. Reads from these locations will produce
undefined values.
BCR0: Master Mode Read Active
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
MSRDA
Reserved
locations.
After
H_RESET, the value in this regis-
ter will be 0005h. The setting of
this register has no effect on any
Am79C978 controller function. It
is only included for software com-
patibility with other PCnet family
devices.
Read always. MSRDA is read
only. Write operations have no ef-
fect.
BCR1: Master Mode Write Active
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
MSWRA
Reserved
locations.
After
H_RESET, the value in this regis-
ter will be 0005h. The setting of
this register has no effect on any
Am79C978 controller function. It
is only included for software com-
patibility with other PCnet family
devices.
Read always. MSWRA is read
only. Write operations have no ef-
fect.
BCR2: Miscellaneous Configuration
Note: Bits 15-0 in this register are programmable
through the EEPROM.
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-14 RES
Reserved locations. Written and
read as zeros.
13
PHYSELEN This
bit
enables
writes
to
BCR18[4:3] for software selec-
tion of various operation and test
modes. When PHYSELEN is set
to 0 (default), the two bits can
only be written from the EE-
PROM. When PHYSELEN is set
to 1, writes to BCR18[4:3] are en-
abled.
This bit is always read/write ac-
cessible. TSTSHDEN is cleared
to 0 by H_RESET and is unaffect-
ed by S_RESET or by setting the
STOP bit.
12
LEDPE
LED
Program
Enable.
When
LEDPE is set to 1, programming
of
the
LED0
(BCR4),
LED1
(BCR5), LED2 (BCR6), LED3
(BCR7), and LED4 (BCR48) reg-
isters is enabled. When LEDPE is
cleared to 0, programming of
LED0 (BCR4), LED1 (BCR5),
LED2 (BCR6), LED3 (BCR7),
and LED4 (BCR48) registers is
disabled. Writes to those regis-
ters will be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com