Electronic Components Datasheet Search
  English  ▼

X  

AM79C978 Datasheet(PDF) 143 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 143 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 139Page - Advanced Micro Devices AM79C978 Datasheet HTML 140Page - Advanced Micro Devices AM79C978 Datasheet HTML 141Page - Advanced Micro Devices AM79C978 Datasheet HTML 142Page - Advanced Micro Devices AM79C978 Datasheet HTML 143Page - Advanced Micro Devices AM79C978 Datasheet HTML 144Page - Advanced Micro Devices AM79C978 Datasheet HTML 145Page - Advanced Micro Devices AM79C978 Datasheet HTML 146Page - Advanced Micro Devices AM79C978 Datasheet HTML 147Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 261 page
background image
Am79C978
143
7
PMAT
Pattern Matched. This bit is set
when the PMMODE bit is set and
an OnNow pattern match occurs.
PMAT is cleared when power is
initially applied (POR).
This bit is read accessible al-
ways.
6
EMPPLBA
Magic Packet Physical Logical
Broadcast Accept. If both EMP-
PLBA and MPPLBA (CSR5, bit 5)
are at their default value of 0, the
Am79C978 controller will only de-
tect a Magic Packet frame if the
destination address of the packet
matches the content of the physi-
cal address register (PADR). If ei-
ther EMPPLBA or MPPLBA is set
to 1, the destination address of
the Magic Packet frame can be
unicast, multicast, or broadcast.
Note that the setting of EMPPL-
BA and MPPLBA only affects the
address detection of the Magic
Packet frame. The Magic Packet
frame’s data sequence must be
made up of 16 consecutive phys-
ical addresses (PADR[47:0]) re-
gardless
of
what
kind
of
destination address it has.
This bit is always read/write ac-
cessible. EMPPLBA is set to 0 by
H_RESET or S_RESET and is
not affected by setting the STOP
bit.
5
MPMAT
Magic Packet Match. This bit is
set when the integrated Ethernet
controller detects a Magic Packet
while it is in Magic Packet mode.
MPMAT is cleared when power is
initially applied (POR).
This bit is always read/write ac-
cessible.
4
MPPEN
Magic Packet Pin Enable. When
this bit is set, the device enters
the Magic Packet mode when the
PG input goes LOW or MPEN bit
(CSR5, bit 2) gets set to 1. This
bit is OR’ed with MPEN bit
(CSR5, bit 2).
Read/Write accessible only when
either the STOP bit or the SPND
bit is set. Cleared by H_RESET
and is not affected by S_RESET
or setting the STOP bit.
3-1
RES
Reserved locations.
0
RST_POL
PHY_RST Pin Polarity. If the
PHY_POL
is
set
to
1,
the
PHY_RST pin is active LOW; oth-
erwise PHY_RST is active HIGH.
This bit is read/write accessible
only when either the STOP bit or
the SPND bit is set. Cleared by
H_RESET and is not affected by
S_RESET or setting the STOP
bit.
CSR122: Advanced Feature Control
Bit
Name
Description
31-1
RES
Reserved locations. Written as
zeros and read as undefined.
0
RCVALGN
Receive Packet Align. When set,
this bit forces the data field of ISO
8802-3 (IEEE/ANSI 802.3) pack-
ets to align to 0 MOD 4 address
boundaries (i.e., DWord aligned
addresses). It is important to note
that this feature will only function
correctly if all receive buffer
boundaries are DWord aligned
and all receive buffers have 0
MOD 4 lengths. In order to ac-
complish the data alignment, the
Am79C978 controller simply in-
serts two bytes of random data at
the beginning of the receive pack-
et (i.e., before the ISO 8802-3
(IEEE/ANSI 802.3) destination
address field). The MCNT field
reported to the receive descriptor
will not include the extra two
bytes.
This bit is always read/write ac-
cessible. RCVALGN is cleared by
H_RESET or S_RESET and is
not affected by STOP.
CSR124: Test Register 1
This register is used to place the Am79C978 controller
into various test modes. The Runt Packet Accept is the
only user accessible test mode. All other test modes are
for AMD internal use only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com