Electronic Components Datasheet Search
  English  ▼

X  

AM79C978 Datasheet(PDF) 147 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 147 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 143Page - Advanced Micro Devices AM79C978 Datasheet HTML 144Page - Advanced Micro Devices AM79C978 Datasheet HTML 145Page - Advanced Micro Devices AM79C978 Datasheet HTML 146Page - Advanced Micro Devices AM79C978 Datasheet HTML 147Page - Advanced Micro Devices AM79C978 Datasheet HTML 148Page - Advanced Micro Devices AM79C978 Datasheet HTML 149Page - Advanced Micro Devices AM79C978 Datasheet HTML 150Page - Advanced Micro Devices AM79C978 Datasheet HTML 151Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 261 page
background image
Am79C978
147
This bit is always read/write ac-
cessible. LEDPE is cleared to 0
by H_RESET and is unaffected
by S_RESET or by setting the
STOP bit.
11-9
RES
Reserved locations. Written and
read as zeros.
8
APROMWE Address PROM Write Enable.
The Am79C978 controller con-
tains a shadow RAM on board for
storage of the first 16 bytes load-
ed from the serial EEPROM.
Accesses to Address PROM I/O
Resources will be directed toward
this RAM. When APROMWE is
set to 1, then write access to the
shadow RAM will be enabled.
This bit is always read/write ac-
cessible. APROMWE is cleared
to 0 by H_RESET and is unaffect-
ed by S_RESET or by setting the
STOP bit.
7
INTLEVEL
Interrupt Level. This bit allows the
interrupt output signals to be pro-
grammed
for
level
or
edge-
sensitive applications.
When INTLEVEL is cleared to 0,
the INTA pin is configured for
level-sensitive
applications.
In
this mode, an interrupt request is
signaled by a low level driven on
the INTA pin by the Am79C978
controller. When the interrupt is
cleared, the INTA pin is tri-stated
by the Am79C978 controller and
allowed to be pulled to a high lev-
el by an external pullup device.
This mode is intended for sys-
tems which allow the interrupt
signal to be shared by multiple
devices.
When INTLEVEL is set to 1, the
INTA pin is configured for edge-
sensitive
applications.
In
this
mode, an interrupt request is sig-
naled by a high level driven on
the INTA pin by the Am79C978
controller. When the interrupt is
cleared, the INTA pin is driven to
a low level by the Am79C978
controller. This mode is intended
for systems that do not allow in-
terrupt channels to be shared by
multiple devices.
INTLEVEL should not be set to 1
when the Am79C978 controller is
used in a PCI bus application.
This bit is always read/write ac-
cessible. INTLEVEL is cleared to
0 by H_RESET and is unaffected
by S_RESET or by setting the
STOP bit.
6-3
RES
Reserved locations. Written as
zeros and read as undefined.
2-0
RES
Reserved locations. Written and
read as zeros.
BCR4: LED0 Status
BCR4 controls the function(s) that the LED0 pin dis-
plays. Multiple functions can be simultaneously en-
abled on this LED pin. The LED display will indicate the
logical OR of the enabled functions. BCR4 defaults to
Link Status (LNKST) with pulse stretcher enabled
(PSE = 1) and is fully programmable.
Note: When LEDPE (BCR2, bit 12) is set to 1, pro-
gramming of the LED0 Status register is enabled.
When LEDPE is cleared to 0, programming of the
LED0 register is disabled. Writes to those registers will
be ignored.
Note: Bits 15-0 in this register are programmable
through the EEPROM.
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15
LEDOUT
This bit indicates the current
(non-stretched) value of the LED
output pin. A value of 1 in this bit
indicates that the OR of the en-
abled signals is true.
The logical value of the LEDOUT
status signal is determined by the
settings of the individual Status
Enable bits of the LED register
(bits 8 and 6-0).
This bit is read accessible al-
ways. This bit is read only; writes
have no effect. LEDOUT is unaf-
fected by H_RESET, S_RESET,
or STOP.
14
LEDPOL
LED Polarity. When this bit has
the value 0, then the LED pin will



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com