Electronic Components Datasheet Search
  English  ▼

X  

AM79C978 Datasheet(PDF) 191 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 191 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 187Page - Advanced Micro Devices AM79C978 Datasheet HTML 188Page - Advanced Micro Devices AM79C978 Datasheet HTML 189Page - Advanced Micro Devices AM79C978 Datasheet HTML 190Page - Advanced Micro Devices AM79C978 Datasheet HTML 191Page - Advanced Micro Devices AM79C978 Datasheet HTML 192Page - Advanced Micro Devices AM79C978 Datasheet HTML 193Page - Advanced Micro Devices AM79C978 Datasheet HTML 194Page - Advanced Micro Devices AM79C978 Datasheet HTML 195Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 261 page
background image
Am79C978
191
TBR2 and TBR3: 10BASE-T PHY Identifier
(Registers 2 and 3)
Registers 2 and 3 contain a unique PHY identifier, con-
sisting of 22 bits of the organizationally unique IEEE
Identifier, a 6-bit manufacturer’s model number, and a
4-bit manufacturer’s revision number. The most signifi-
cant bit of the PHY identifier is bit 15 of register 2; the
least significant bit of the PHY identifier is bit 0 of reg-
ister 3. Register 2, bit 15 corresponds to bit 3 of the
IEEE Identifier and register 2, bit 0 corresponds to bit
18 of the IEEE Identifier. Register 3, bit 15 corresponds
to bit 19 of the IEEE Identifier and register 3, bit 10 cor-
responds to bit 24 of the IEEE Identifier. Register 3, bits
9-4 contain the manufacturer’s model number and bits
3-0 contain the manufacturer’s revision number. These
registers are shown in Table 67 and Table 68.
Table 67.
TBR2: 10BASE-T PHY Identifier (Register 2)
Table 68.
TBR3: 10BASE-T PHY Identifier (Register 3)
Bits
Name
Description
Read/
Write
Default Value
Soft Reset
15-0
PHY_ID[31-16]
IEEE Address (bits 3-18); Register
2, bit 15 is MS bit of PHY Identifier
RO
0000000000000000
(0000 Hex)
Retains original
Value
Bits
Name
Description
Read/Write
Default Value
Soft Reset
15-10
PHY_ID[15-10]
IEEE Address (bits 19-
24)
RO
011010
(1A Hex)
Retains original value
9-4
PHY_ID[9-4]
Manufacturer’s Model
Number (bits 5-0)
RO
110111
(37 Hex)
Retains original value
3-0
PHY_ID[3-0]
Revision Number (bits
3-0); Register 3, bit 0 is
LS bit of PHY Identifier
RO
0000
Retains original value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com