Electronic Components Datasheet Search
  English  ▼

X  

AM79C978 Datasheet(PDF) 188 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 188 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 184Page - Advanced Micro Devices AM79C978 Datasheet HTML 185Page - Advanced Micro Devices AM79C978 Datasheet HTML 186Page - Advanced Micro Devices AM79C978 Datasheet HTML 187Page - Advanced Micro Devices AM79C978 Datasheet HTML 188Page - Advanced Micro Devices AM79C978 Datasheet HTML 189Page - Advanced Micro Devices AM79C978 Datasheet HTML 190Page - Advanced Micro Devices AM79C978 Datasheet HTML 191Page - Advanced Micro Devices AM79C978 Datasheet HTML 192Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 261 page
background image
188
Am79C978
10BASE-T PHY Management Registers
(TBRs)
The Am79C978 home networking device supports the
MII basic register set and extended register set. Both
sets of registers are accessible through the PHY Man-
agement Interface. As specified in the IEEE standard,
the basic register set consists of the Control Register
(Register 0) and the Status Register (Register 1). The
extended register set consists of Registers 2 to 31
(decimal).
Table 64 lists all the 10BASE-T registers implemented
in the device. All the reserved registers should not be
written to, and reading them will return a zero value.
Table 64.
Am79C978 10BASE-T PHY Management
Register Set
Register
Address
(in Decimal)
Register Name
Basic/
Extended
0
PHY Control
B
1PHY Status
B
2-3
PHY Identifier
E
4
Auto-Negotiation
Advertisement
E
5
Auto-Negotiation Link
Partner Ability
E
6
Auto-Negotiation
Expansion
E
7
Auto-Negotiation Next
Page
E
8-15
Reserved
E
16
Interrupt Enable and
Status
E
17
PHY Control/Status
E
18
Reserved
E
19
PHY Management
Extension
E
20-23
Reserved
E
24
Summary Status
E
25-31
Reserved
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com