Electronic Components Datasheet Search
  English  ▼

X  

AM79C978 Datasheet(PDF) 186 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 186 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 182Page - Advanced Micro Devices AM79C978 Datasheet HTML 183Page - Advanced Micro Devices AM79C978 Datasheet HTML 184Page - Advanced Micro Devices AM79C978 Datasheet HTML 185Page - Advanced Micro Devices AM79C978 Datasheet HTML 186Page - Advanced Micro Devices AM79C978 Datasheet HTML 187Page - Advanced Micro Devices AM79C978 Datasheet HTML 188Page - Advanced Micro Devices AM79C978 Datasheet HTML 189Page - Advanced Micro Devices AM79C978 Datasheet HTML 190Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 261 page
background image
186
Am79C978
HPR26: HomePNA PHY Event Status (Register 26)
Table 58.
HPR26: HomePNA PHY Event Status (Register 26)
HPR27: HomePNA PHY Event Status (Register 27)
The Event Status register reports the state of each
event source. Any bit may be written and so facilitate
software-stimulated event testing.
Table 59.
HPR27: HomePNA PHY Event Status (Register 27)
HPR28: HomePNA PHY ISBI Control (Register 28)
Table 60.
HPR8: HomePNA PHY ISBI Control (Register 28)
Bits
Mnemonic
Description
Read/
Write
Default
Hex
Soft
Reset
PHY_Event Status
15:10
Reserved
R0
0
9RxPCOM
Indicates a valid RxPCOM. An access to the
RxCOM MSB Register 21 will clear this bit.
R0
0
8TxPCOM
Indicates a valid TxPCOM. Any access to the
TxCOM registers (Registers 18 and 19) will
clear this bit.
R0
0
7:4
Reserved
Reads will produce undefined results.
R
3
Packet Received
Status is cleared by writing a 0.
R/W
0
0
2
Packet Transmitted
Status is cleared by writing a 0.
R/W
0
0
1
Remote Command Received
A valid remote command was received.
Status is cleared by writing a 0.
R/W
0
0
0
Remote Command Sent
A remote command has been sent.
Status is cleared by writing a 0.
R/W
0
0
Bits
Mnemonic
Description
Read/
Write
Default
Hex
Soft
Reset
AID_CTRL
15:8
AID_INTERVAL
This value defines the number of TCLKs (116.6
ns) separating AID symbols.
R/W
14
14
7:0
AID_ISBI
This value defines the number of TCLKs (116.6
ns) separating AID symbol 0.
R/W
40
40
Bits
Mnemonic
Description
Read/
Write
Default
Hex
Soft
Reset
ISBI_CTRL
15:8
ISBI_SLOW
This value defines the number of TCLKs (116.6
ns) separating data pulses for Symbol 0 in low
speed mode.
R/W
2C
2C
7:0
ISBI_FAST
This value defines the number of TCLKs (116.6
ns) separating data pulses for Symbol 0 in high
speed mode.
R/W
1C
1C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com