Electronic Components Datasheet Search
  English  ▼

X  

AM79C978 Datasheet(PDF) 183 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 183 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 179Page - Advanced Micro Devices AM79C978 Datasheet HTML 180Page - Advanced Micro Devices AM79C978 Datasheet HTML 181Page - Advanced Micro Devices AM79C978 Datasheet HTML 182Page - Advanced Micro Devices AM79C978 Datasheet HTML 183Page - Advanced Micro Devices AM79C978 Datasheet HTML 184Page - Advanced Micro Devices AM79C978 Datasheet HTML 185Page - Advanced Micro Devices AM79C978 Datasheet HTML 186Page - Advanced Micro Devices AM79C978 Datasheet HTML 187Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 261 page
background image
Am79C978
183
HPR17: HomePNA Status Control (Register 17)
Table 51.
HPR17: HomePNA Status Control (Register 17)
HPR18 and HPR19: HomePNA PHY TxCOMM
(Registers 18 and 19)
Table 52.
HPR18 and HPR19: HomePNA PHY TxCOMM (Registers 18 and 19)
The 32-bit transmitted data field is to be used for out-
of-band communication between PHY management
entities. No protocol for out-of-band management has
been defined. Accessing the low word causes the PHY
to send all-0 PCOMs until the high word has been ac-
cessed. Once accessed, the next transmitted packet
will cause this register’s contents to be shifted out in
the PCOM field of the transmitted packet. Upon trans-
mission, this register will read back as all 0s. A non-null
transmitted PCOM will set the TxPCOM Ready bit in
the Event Status Register (Register HPR26). An ac-
cess to any of the two TxPCOM words will clear the Tx-
PCOM Ready bit in the ISTAT register.
Bits
Mnemonic
Description
Read/
Write
Default
Hex
Soft
Reset
15:13
Reserved
Reads will produce undefined results;
Writes = 0
R/W
12
Any1home
1 = Any1Home Link Packet Disable
0 = Any1Home Link Packet Enable
R/W
0
11:7
Reserved
Reads will produce undefined results;
Writes = 0
R/W
6
Received_Power
1 = Last packet received was sent at high power
0 = Last packet received was sent at low power
R0
5
Received_Speed
1 = Last packet received was sent at high power
0 = Last packet received was sent at low power
R0
4
Received_Ver
1 = Last packet received was sent at Version
XX
R0
3:0
Reserved
Reads will produce undefined results;
Writes = 0
R/W
Hex
Mnemonic
Description
Read/
Write
Default
Hex
Soft
Reset
12-13
PHY_TX_COMM (4)
The 32-bit preamble transmitted on the
HomePNA PHY. Register 12 contains the high
word and Register 13 the low word.
R/W
All 0s
All 0s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com