Electronic Components Datasheet Search
  English  ▼

X  

AM79C978 Datasheet(PDF) 181 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 181 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 177Page - Advanced Micro Devices AM79C978 Datasheet HTML 178Page - Advanced Micro Devices AM79C978 Datasheet HTML 179Page - Advanced Micro Devices AM79C978 Datasheet HTML 180Page - Advanced Micro Devices AM79C978 Datasheet HTML 181Page - Advanced Micro Devices AM79C978 Datasheet HTML 182Page - Advanced Micro Devices AM79C978 Datasheet HTML 183Page - Advanced Micro Devices AM79C978 Datasheet HTML 184Page - Advanced Micro Devices AM79C978 Datasheet HTML 185Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 261 page
background image
Am79C978
181
HPR2 and HPR3: HomePNA PHY MII PHY ID
(Registers 2 and 3)
Table 48.
HPR2 and HPR3: HomePNA PHY MII ID (Registers 2 and 3)
HPR4-HPR7: HomePNA PHY Auto-Negotiation
(Registers 4 - 7)
Table 49.
HPR4-HPR7: HomePNA PHY Auto-Negotiation (Registers 4 - 7)
Reserved Registers: HPR8 - HPR15
These registers should be ignored when read and
should not be written to at any time.
Bits
Mnemonic
Description
Read/
Write
Default
Hex
Soft
Reset
MII_PHY_ID
15:0
PHY_ID MSB (31-16)
Most significant bytes of the PHY_ID (Bits 3-18)
R
0000
0000
MII_PHY_ID
15:10
PHY_ID LSB (15-10)
IEEE Address (Bits 19-24)
R
1A
1A
9:4
PHY_ID LSB (9-4)
Manufacturer Model Number
R
39
39
3:0
PHY_ID LSB (3-0)
Revision Number
R
0
0
Hex
Mnemonic
Description
Read/
Write
Default
Hex
Soft
Reset
04
Auto-Negotiation Register 4
Advertisement
R
0021
0021
05
Auto-Negotiation Register 5
Link Partner Ability
R
0000
0000
06
Auto-Negotiation Register 6
Expansion
R
0000
0000
07
Auto-Negotiation Register 7
Next Page
R
0000
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com