Electronic Components Datasheet Search
  English  ▼

X  

AM79C978 Datasheet(PDF) 179 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 179 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 175Page - Advanced Micro Devices AM79C978 Datasheet HTML 176Page - Advanced Micro Devices AM79C978 Datasheet HTML 177Page - Advanced Micro Devices AM79C978 Datasheet HTML 178Page - Advanced Micro Devices AM79C978 Datasheet HTML 179Page - Advanced Micro Devices AM79C978 Datasheet HTML 180Page - Advanced Micro Devices AM79C978 Datasheet HTML 181Page - Advanced Micro Devices AM79C978 Datasheet HTML 182Page - Advanced Micro Devices AM79C978 Datasheet HTML 183Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 261 page
background image
Am79C978
179
1 Mbps HomePNA PHY Internal Registers
The registers of the HomePNA PHY are accessible via
the internal MII interface. This interface uses the MII
Control, Address, and Data Registers (BCR32,
BCR33, and BCR34) in the integrated PCnet controller
to control and communicate to the HomePNA PHY via
the MDC and MDIO signals.
See Table 46 through Table 63.
HPR0: HomePNA PHY MII Control (Register 0)
Table 46.
HPR0: HomePNA PHY MII Control (Register 0)
Bits
Mnemonic
Description
Read/
Write
Default
Hex
Soft
Reset
MII_CONTROL
15
RESET
1 = RESET
0 = Normal operation
** Self Clearing
R/W
0
0
14
Loopback
1 = MII Loopback enabled
0 = MII Loopback disabled
R/W
0
0
13
Speed Selection
0 = 10 Mbps
R
0
0
12
Auto-Negotiation Enabled
1 = Enabled
0 = Disabled
R/W
0
0
11
Power Down
1 = Power down
0 = Normal operation
(This bit is mirrored in PHY Control bit 4)
R/W
0
0
10
Isolate
1 = Electrically isolate PHY from MII
0 = Normal operation
R/W
1
1
9
Restart Auto-Negotiation
1 = Restart Auto-Negotiation
0 = Normal operation
** Self Clearing
R/W
0
0
8
Duplex Mode
1 = Full-Duplex (for test purposes only)
0 = Half-Duplex
R/W
0
0
7
Collision Test
0 = Disable COL test signal
R/W
0
0
6:0
Reserved
Write as 0, Ignore Read
R/W
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com