Electronic Components Datasheet Search
  English  ▼

X  

AM79C978 Datasheet(PDF) 180 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 180 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 176Page - Advanced Micro Devices AM79C978 Datasheet HTML 177Page - Advanced Micro Devices AM79C978 Datasheet HTML 178Page - Advanced Micro Devices AM79C978 Datasheet HTML 179Page - Advanced Micro Devices AM79C978 Datasheet HTML 180Page - Advanced Micro Devices AM79C978 Datasheet HTML 181Page - Advanced Micro Devices AM79C978 Datasheet HTML 182Page - Advanced Micro Devices AM79C978 Datasheet HTML 183Page - Advanced Micro Devices AM79C978 Datasheet HTML 184Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 261 page
background image
180
Am79C978
HPR1: HomePNA PHY MII Status
(Register 1)
Table 47.
HPR1: HomePNA PHY MII Status (Register 1)
Bits
Mnemonic
Description
Read/
Write
Default
Hex
Soft
Reset
MII_Status
15
100BASE-T4
0 = PHY not able to perform 100BASE-T4
R
0
0
14
100BASE-X Full-Duplex
0 = PHY not able to perform Full-Duplex
100BASE-X
R0
0
13
100BASE-X Half-Duplex
0 = PHY not able to perform Half-Duplex
100BASE-X
R0
0
12
10 Mbps Full-Duplex
0 = PHY not able to perform 10 Mbps in Full-
Duplex
R0
0
11
10 Mbps Half-Duplex
1 = PHY able to perform 10 Mbps in Half-
Duplex
R1
1
10:7
Reserved
Reads will produce undefined results
R
6
MF Preamble Suppression
1 = PHY will accept management frames with
Preamble suppressed
0 = PHY will not accept management frames
with Preamble suppressed
R1
1
5
Auto-Negotiation Complete
1 = Auto-Negotiation completed
0 = Auto-Negotiation not completed
R0
0
4
Remote Fault
1 = Remote fault detected
0 = Normal operation
R0
0
3
Auto-Negotiation Ability
1 = PHY is able to perform Auto-Negotiation
0 = PHY is not able to perform Auto-Negotiation
R0
0
2Link Status
1 = Link is up
0 = Link is down
This bit will be RESET (latched low and re-
enabled on Read) on the first occurrence of lost
link and will be SET after completion of valid
LINK process.
R0
0
1
Jabber Detect
1 = Jabber condition detected
0 = Normal operation
R0
0
0
Extended Capability
1 = Extended Register Capability
0 = Basic Register Set Capability
R1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com