Electronic Components Datasheet Search
  English  ▼

X  

AM79C978 Datasheet(PDF) 178 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 178 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 174Page - Advanced Micro Devices AM79C978 Datasheet HTML 175Page - Advanced Micro Devices AM79C978 Datasheet HTML 176Page - Advanced Micro Devices AM79C978 Datasheet HTML 177Page - Advanced Micro Devices AM79C978 Datasheet HTML 178Page - Advanced Micro Devices AM79C978 Datasheet HTML 179Page - Advanced Micro Devices AM79C978 Datasheet HTML 180Page - Advanced Micro Devices AM79C978 Datasheet HTML 181Page - Advanced Micro Devices AM79C978 Datasheet HTML 182Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 261 page
background image
178
Am79C978
S_RESET or setting the STOP
bit.
4
XMTE
Transmit Status Enable. When
this bit is set, a value of 1 is
passed to the LEDOUT bit in this
register when there is transmit
activity on the network.
This bit is always read/write ac-
cessible. XMTE is cleared by
H_RESET and is not affected by
S_RESET or setting the STOP
bit.
3
POWER
Power. When this bit is set to 1,
the device is operating in HIGH
power mode.
2
RCVE
Receive Status Enable. When
this bit is set, a value of 1 is
passed to the LEDOUT bit in this
register when there is receive ac-
tivity on the network.
This bit is always read/write ac-
cessible. RCVE is set to 1 by
H_RESET and is not affected by
S_RESET or setting the STOP
bit.
1
SPEED
Speed. When this bit is set to 1,
the device is operating in HIGH
speed mode.
0
COLE
Collision Status Enable. When
this bit is set, a value of 1 is
passed to the LEDOUT bit in this
register when there is collision
activity on the network.
This bit is always read/write ac-
cessible. COLE is cleared by
H_RESET and is not affected by
S_RESET or setting the STOP
bit.
BCR49: PHY Select
This register defines which PHY will be able to send
and receive data over the MII interface. Bits 15:8 are
updated whenever the EEPROM is read, and bits 6:0
are updated only if bit 7 is cleared. The bits are defined
as follows:
Bit
Name
Description
15
PC_NET
PCnet mode. This bit must al-
ways be set.
14-10 RES
Reserved locations. These bits
must be written as zeros.
9-8
PHY_SEL_Default
PHY Select Default. These bits
store the desired default PHY.
These bits have no effect on the
operation of the device and are
provided only as a storage loca-
tion.
7
PHY_SEL_Lock
PHY Select Lock. Setting this bit
prevents the PHY_SEL bits from
being overwritten by subsequent
soft resets. The user may write
this bit at any time. It is cleared
during Power-On Reset.
6-2
RES
Reserved. Must be written as
zero.
1-0
PHY_SEL
PHY Select. These bits define the
active PHY as follows:
00
10BASE-T PHY
01
HomePNA PHY
10
External PHY
11
Reserved/Undefined
BCR50-BCR55: Reserved Locations
These registers must be 00h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com