Electronic Components Datasheet Search
  English  ▼

X  

AM79C978 Datasheet(PDF) 182 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 182 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 178Page - Advanced Micro Devices AM79C978 Datasheet HTML 179Page - Advanced Micro Devices AM79C978 Datasheet HTML 180Page - Advanced Micro Devices AM79C978 Datasheet HTML 181Page - Advanced Micro Devices AM79C978 Datasheet HTML 182Page - Advanced Micro Devices AM79C978 Datasheet HTML 183Page - Advanced Micro Devices AM79C978 Datasheet HTML 184Page - Advanced Micro Devices AM79C978 Datasheet HTML 185Page - Advanced Micro Devices AM79C978 Datasheet HTML 186Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 261 page
background image
182
Am79C978
HPR16: HomePNA PHY Control (Register 16)
Table 50.
HPR16: HomePNA PHY Control (Register 16)
Bits
Mnemonic
Description
Read/
Write
Default
Hex
Soft
Reset
PHY_Control
15
Remote Command
1 = Ignore Remote Commands
0 = Normal operation
R/W
0
0
14:12
Reserved
Reads will produce undefined results
R/W
11
Command Low Power
1 = Command low power
0 = Normal operation
R/W
0
0
10
Command High Power
1 = Command high power
0 = Normal operation
R/W
0
0
9
Command Low Speed
1 = Command low speed
0 = Normal operation
R/W
0
0
8
Command High Speed
1 = Command high speed
0 = Normal operation
R/W
0
0
7
Disable AID Negotiation
1 = Disable AID negotiation
0 = Normal operation
R/W
0
0
6
Clear PHY-Event Counter
1 = Clear PHY event counter
0 = Normal operation
R/W
0
0
5
Disable Squelch adaptation
1 = Disable Squelch adaptation
0 = Normal operation
R/W
0
0
4
Power Down
1 = Power down
0 = Normal operation
(This bit is controlled by HPR0)
R0
0
3
Reserved
Reads will produce undefined results
R
2
High Speed
1 = Set node to High speed
0 = Set node to Low speed
R1
1
1High Power
1 = Set node to High power
0 = Set node to Low power
R0
0
0
Reserved
Reads will produce undefined results
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com