Electronic Components Datasheet Search
  English  ▼

X  

AM79C978 Datasheet(PDF) 184 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 184 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 180Page - Advanced Micro Devices AM79C978 Datasheet HTML 181Page - Advanced Micro Devices AM79C978 Datasheet HTML 182Page - Advanced Micro Devices AM79C978 Datasheet HTML 183Page - Advanced Micro Devices AM79C978 Datasheet HTML 184Page - Advanced Micro Devices AM79C978 Datasheet HTML 185Page - Advanced Micro Devices AM79C978 Datasheet HTML 186Page - Advanced Micro Devices AM79C978 Datasheet HTML 187Page - Advanced Micro Devices AM79C978 Datasheet HTML 188Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 261 page
background image
184
Am79C978
HPR20 and HPR21: HomePNA PHY RxCOMM
(Registers 20 and 21)
Table 53.
HPR20 and HPR21: HomePNA PHY RxCOMM (Registers 20 and 21)
The 32-bit received data field to be used for out-of-
band communication between PHY management enti-
ties. No protocol for out-of-band management has
been defined. Accessing the low word of the register is
sufficient to ensure that subsequently received packets
will not over-write the register contents. A non-null re-
ceived PCOM will set the RxPCOM Valid bit of the
Event Status Register (Register HPR26). Accessing
the high word of the register clears this bit and allows
over-writing of the register by subsequent received
packets.
HPR22: HomePNA PHY AID (Register 22)
Table 54.
HPR22: HomePNA PHY AID (Register 22)
The PHY’s AID address is used for collision detection.
Unless bit 7 of the CONTROL register is set, the PHY
is assured to select a unique AID address. Addresses
above EFh are reserved. Address FFh is defined to in-
dicate a remote command.
HPR23: HomePNA PHY Noise Control (Register 23)
Table 55.
HPR23: HomePNA PHY Noise Control (Register 23)
Hex
Mnemonic
Description
Read/
Write
Default
Hex
Soft
Reset
14-15
PHY_RX_COMM (4)
The 32-bit preamble received on the
HomePNA PHY. Register 14 contains the high
word and Register 15 the low word.
R
All 0s
All 0s
Bits
Mnemonic
Description
Read/
Write
Default
Hex
Soft
Reset
PHY_AID
15:8
PHY_AID
The Address ID of this PHY
If PHY_Control Disable AID Negotiation is not
set then writes to this bit will have no effect.
R/W
00
00
7:0
Noise Events
An 8-bit counter that records the number of
noise events detected. Overflows are held as
FFh. Can be cleared by setting bit 6 of the
control register.
R/W
00
00
Bits
Mnemonic
Description
Read/
Write
Default
Hex
Soft
Reset
PHY_NOISE_CTRL1
15:8
Noise Floor
The minimum value of the NOISE
measurement.
R/W
03
03
7:0
Noise Ceiling
The maximum value if the NOISE
measurement. If it is exceeded, NOISE is reset
to the FLOOR.
R/W
FF
FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com