Electronic Components Datasheet Search
  English  ▼

X  

AM79C978 Datasheet(PDF) 187 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 187 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 183Page - Advanced Micro Devices AM79C978 Datasheet HTML 184Page - Advanced Micro Devices AM79C978 Datasheet HTML 185Page - Advanced Micro Devices AM79C978 Datasheet HTML 186Page - Advanced Micro Devices AM79C978 Datasheet HTML 187Page - Advanced Micro Devices AM79C978 Datasheet HTML 188Page - Advanced Micro Devices AM79C978 Datasheet HTML 189Page - Advanced Micro Devices AM79C978 Datasheet HTML 190Page - Advanced Micro Devices AM79C978 Datasheet HTML 191Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 261 page
background image
Am79C978
187
HPR29: HomePNA PHY TX Control (Register 29)
Table 61.
HPR29: HomePNA PHY TX Control (Register 29)
HPR30: 1 Mbps HomePNA PHY Drive Level Control
Test Register (Register 30)
Table 62.
HPR30: HomePNA PHY Drive Level Control Test Register (Register 30)
HPR31: 1 Mbps HomePNA PHY Analog Control
Register (Register 31)
Table 63.
HPR31: HomePNA PHY Analog Control Register (Register 31)
Note: 1. Writes to these bits will cause undefined functionality.
Bits
Mnemonic
Description
Read/
Write
Default
Hex
Soft
Reset
TX_CTRL
15:8
TX_PULSE_WIDTH
This value defines the duration of a transmit
pulse in OSC cycles (16.7 ns). This will
effectively determine the transmit spectrum of
the PHY.
R/W
04
04
7:4
TX_PULSE_CYCLES_N
This value defines the number of pulses that
will be driven onto the HRTXRX_N pin.
R/W
4
4
3:0
TX_PULSE_CYCLES_P
This value defines the number of pulses that
will be driven onto the HRTXRX_P pin.
R/W
4
4
Bits
Mnemonic
Description
Read/
Write
Default
Hex
Soft
Reset
15:12
RES
Reserved; Write = 0; Read = X
R
YX
11:6
High Level Control
Defines the drive level that will be utilized in the
High Power mode.
R/W
15
5:0
Low Level Control
Defines the drive level that will be utilized in the
Low Power mode.
R/W
09
Bits
Mnemonic
Description
Read/
Write
Default
Hex
Soft
Reset
15:11
Level_Adjust
Global output slope adjustment. These bits
control the number of current sources enable
for transmit. Each bit represents a single
current source. Thus 10101 enables three
current sources as does 11100.
R/W
18
18
10:8
Reserved
Reserved; Write = 0
R/W
0
0
7
Force_Link_Valid
1 = Link Status bit will be held valid
0 = Normal operation
R/W
0
0
6:0
Reserved
Reserved; Write = 0
R/W
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com