Electronic Components Datasheet Search
  English  ▼

X  

ADS5287 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5287
Description  10-Bit, Octal-Channel ADC Up to 65MSPS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5287 Datasheet(HTML) 34 Page - Texas Instruments

Back Button ADS5287 Datasheet HTML 30Page - Texas Instruments ADS5287 Datasheet HTML 31Page - Texas Instruments ADS5287 Datasheet HTML 32Page - Texas Instruments ADS5287 Datasheet HTML 33Page - Texas Instruments ADS5287 Datasheet HTML 34Page - Texas Instruments ADS5287 Datasheet HTML 35Page - Texas Instruments ADS5287 Datasheet HTML 36Page - Texas Instruments ADS5287 Datasheet HTML 37Page - Texas Instruments ADS5287 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
CLK
P
CLK
N
CMOSClockInput
0.1 F
m
0.1 F
m
CLK
P
CLK
N
CMOSSingle-Ended
Clock
0V
CLK
P
CLK
N
DifferentialSine-Wave,
PECL,orLVDSClockInput
0.1 F
m
0.1 F
m
5kW
5kW
V
CM
CLK
P
CLK
N
V
CM
ADS5287
SBAS428D – JANUARY 2008 – REVISED JUNE 2012
www.ti.com
CLOCK INPUT
The eight channels on the device operate from a
single ADCLK input. To ensure that the aperture
delay and jitter are the same for all channels, a clock
tree network is used to generate individual sampling
clocks to each channel. The clock paths for all the
channels are matched from the source point to the
sampling circuit. This architecture ensures that the
performance and timing for all channels are identical.
The use of the clock tree for matching introduces an
aperture delay that is defined as the delay between
the rising edge of ADCLK and the actual instant of
sampling. The aperture delays for all the channels
are matched to the best possible extent. A mismatch
of ±20ps (±3
σ) could exist between the aperture
instants of the eight ADCs within the same chip.
Figure 36. Internal Clock Buffer
However, the aperture delays of ADCs across two
different chips can be several hundred picoseconds
apart.
The ADS5287 can be made to operate either in
CMOS
single-ended
clock
mode
(default
is
DIFF_CLK = 0) or differential clock mode (SINE,
LVPECL, or LVDS). When operating in the single-
ended clock mode, CLKN must be forced to 0VDC,
and the single-ended CMOS applied on the CLKP pin.
This operation is shown in Figure 35.
Figure 37. Differential Clock Driving Circuit
(DIFF_CLK = 1)
Figure 35. Single-Ended Clock Driving Circuit
(DIFF_CLK = 0)
When configured to operate in the differential clock
Figure 38. Single-Ended Clock Driving Circuit
mode (register bit DIFF_CLK = 1) the ADS5287 clock
When DIFF_CLK = 1
inputs can be driven differentially (SINE, LVPECL, or
LVDS) with little or no difference in performance
For best performance, the clock inputs must be
between them, or with a single-ended (LVCMOS).
driven differentially in order to reduce susceptibility to
The common-mode voltage of the clock inputs is set
common-mode
noise.
For
high
input
frequency
to VCM using internal 5kΩ resistors, as shown in
sampling, it is recommended to use a clock source
Figure 36. This method allows using transformer-
with very low jitter. Bandpass filtering of the clock
coupled drive circuits for a sine wave clock or ac-
source can help reduce the effect of jitter. If the duty
coupling for LVPECL and LVDS clock sources, as
cycle deviates from 50% by more than 2% or 3%, it is
shown in Figure 37. When operating in the differential
recommended to enable the DCC through register bit
clock mode, the single-ended CMOS clock can be ac-
EN_DCC.
coupled to the CLKP input, with CLKN (pin 11)
connected to ground with a 0.1
μF capacitor, as
shown in Figure 38.
34
Copyright © 2008–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com