Electronic Components Datasheet Search
  English  ▼

X  

ADS5287 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5287
Description  10-Bit, Octal-Channel ADC Up to 65MSPS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5287 Datasheet(HTML) 25 Page - Texas Instruments

Back Button ADS5287 Datasheet HTML 21Page - Texas Instruments ADS5287 Datasheet HTML 22Page - Texas Instruments ADS5287 Datasheet HTML 23Page - Texas Instruments ADS5287 Datasheet HTML 24Page - Texas Instruments ADS5287 Datasheet HTML 25Page - Texas Instruments ADS5287 Datasheet HTML 26Page - Texas Instruments ADS5287 Datasheet HTML 27Page - Texas Instruments ADS5287 Datasheet HTML 28Page - Texas Instruments ADS5287 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
0
-
-
-
-
-
-
-
-
20
40
60
80
100
120
140
160
InputFrequency(MHz)
0
33
20
15
10
5
SFDR=85.8dBc
SNR=62.1dBFS
SNR(0MHzto1MHz)=77dBFS
SINAD=62dBFS
THD=84.6dBc
25
30
90
85
80
75
70
65
60
InputFrequency(MHz)
5
30
20
15
10
25
SNR(dBFS)
SFDR(dBc)
f =40MHz
S
0
-
-
-
-
-
-
-
-
20
40
60
80
100
120
140
160
InputFrequency(MHz)
0
33
20
15
10
5
SFDR=86.9dBc
SNR=61.73dBFS
SINAD=61.72dBFS
THD=86.5dBc
25
30
0
-20
-40
-60
-80
-100
-120
-140
-180
InputFrequency(MHz)
0
33
20
15
10
5
-160
SFDR=85.9dBc
SNR=62.02dBFS
SNR(0MHzto1MHz)=76.5dBFS
SINAD=62dBFS
THD=84.1dBc
25
30
ADS5287
www.ti.com
SBAS428D – JANUARY 2008 – REVISED JUNE 2012
TYPICAL CHARACTERISTICS (continued)
Typical values at +25°C. Minimum and maximum values are measured across the specified temperature range of TMIN =
–40°C to TMAX = +85°C, AVDD = 3.3V, LVDD = 1.8V, clock frequency = 10MSPS to 65MSPS, 50% clock duty cycle, –1dBFS
differential analog input, internal reference mode, ISET resistor = 56.2kΩ, and LVDS buffer current setting = 3.5mA, unless
otherwise noted.Typical values at +25°C.
SPECTRAL PERFORMANCE
SPECTRAL PERFORMANCE
(fS = 65MHz, fIN = 10MHz)
(fS = 65MHz, fIN = 25MHz)
Figure 8.
Figure 9.
SPECTRAL PERFORMANCE, LOW-FREQUENCY NOISE
DYNAMIC PERFORMANCE
SUPPRESSION MODE ENABLED
vs
(fS = 65MHz, fIN = 25MHz)
INPUT FREQUENCY
Figure 10.
Figure 11.
Copyright © 2008–2012, Texas Instruments Incorporated
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com