Electronic Components Datasheet Search
  English  ▼

X  

ADS5287 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5287
Description  10-Bit, Octal-Channel ADC Up to 65MSPS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5287 Datasheet(HTML) 37 Page - Texas Instruments

Back Button ADS5287 Datasheet HTML 33Page - Texas Instruments ADS5287 Datasheet HTML 34Page - Texas Instruments ADS5287 Datasheet HTML 35Page - Texas Instruments ADS5287 Datasheet HTML 36Page - Texas Instruments ADS5287 Datasheet HTML 37Page - Texas Instruments ADS5287 Datasheet HTML 38Page - Texas Instruments ADS5287 Datasheet HTML 39Page - Texas Instruments ADS5287 Datasheet HTML 40Page - Texas Instruments ADS5287 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
ADS5287
www.ti.com
SBAS428D – JANUARY 2008 – REVISED JUNE 2012
Smaller effective inductance of the supply and ground
It is recommended that the isolation be maintained on
pins leads to better noise suppression. For this
the board by using separate supplies to drive AVDD
reason, multiple pins are used to drive each supply
and LVDD, as well as separate ground planes for
and ground. It is also critical to ensure that the
AVSS and LVSS. The use of LVDS buffers reduces
impedances of the supply and ground lines on the
the injected noise considerably, compared to CMOS
board are kept to the minimum possible values. Use
buffers.
The
current
in
the
LVDS
buffer
is
of ground planes in the printed circuit board (PCB) as
independent of the direction of switching. Also, the
well as large decoupling capacitors between the
low output swing as well as the differential nature of
supply and ground lines are necessary to obtain the
the LVDS buffer results in low-noise coupling.
best possible SNR performance from the device.
Copyright © 2008–2012, Texas Instruments Incorporated
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com