Electronic Components Datasheet Search
  English  ▼

X  

THS4031 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # THS4031
Description  100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4031 Datasheet(HTML) 5 Page - Texas Instruments

  THS4031 Datasheet HTML 1Page - Texas Instruments THS4031 Datasheet HTML 2Page - Texas Instruments THS4031 Datasheet HTML 3Page - Texas Instruments THS4031 Datasheet HTML 4Page - Texas Instruments THS4031 Datasheet HTML 5Page - Texas Instruments THS4031 Datasheet HTML 6Page - Texas Instruments THS4031 Datasheet HTML 7Page - Texas Instruments THS4031 Datasheet HTML 8Page - Texas Instruments THS4031 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
THS4031
THS4032
www.ti.com
SLOS224G – JULY 1999 – REVISED MARCH 2010
ELECTRICAL CHARACTERISTICS (continued)
At TA = 25°C, VCC = ±15 V, and RL = 150 Ω (unless otherwise noted).
THS403xC, THS403xI
PARAMETER
TEST CONDITIONS(1)
UNIT
MIN
TYP
MAX
DC PERFORMANCE
TA = 25°C
93
98
VCC = ±15 V, RL = 1 kΩ, VO = ±10 V
TA = full range
92
Open loop gain
dB
TA = 25°C
90
95
VCC = ±5 V, RL = 1 kΩ, VO = ±2.5 V
TA = full range
89
TA = 25°C
0.5
2
VOS
Input offset voltage
VCC = ±5 V or ±15 V
mV
TA = full range
3
TA = 25°C
3
6
IIB
Input bias current
VCC = ±5 V or ±15 V
mA
TA = full range
8
TA = 25°C
30
250
IOS
Input offset current
VCC = ±5 V or ±15 V
nA
TA = full range
400
Offset voltage drift
VCC = ±5 V or ±15 V
TA = full range
2
mV/°C
Input offset current drift
VCC = ±5 V or ±15 V
TA = full range
0.2
nA/°C
INPUT CHARACTERISTICS
VCC = ±15 V
±13.5
±14.0
Common-mode input voltage
VICR
V
range
VCC = ±5 V
±3.8
±4.0
TA = 25°C
85
95
VCC = ±15 V, VICR = ±12 V
TA = full range
80
CMRR Common-mode rejection ratio
dB
TA = 25°C
90
100
VCC = ±5 V, VICR = ±2.5 V
TA = full range
85
ri
Input resistance
2
M
Ω
Ci
Input capacitance
1.5
pF
OUTPUT CHARACTERISTICS
VCC = ±15 V
±13
±13.6
RL = 1 kΩ
VCC = ±5 V
±3.4
±3.8
VO
Output voltage swing
V
VCC = ±15 V
RL = 150 Ω
±12
±12.9
VCC = ±5 V
RL = 250 Ω
±3
±3.5
VCC = ±15 V
60
90
IO
Output current(4)
RL = 20 Ω
mA
VCC = ±5 V
50
70
ISC
Short-circuit current(4)
VCC = ±15 V
150
mA
RO
Output resistance
Open loop
13
Ω
POWER SUPPLY
Dual supply
±4.5
±16.5
VCC
Supply voltage operating range
V
Single supply
9
33
TA = 25°C
8.5
10
VCC = ±15 V
TA = full range
11
ICC
Supply current (each amplifier)
mA
TA = 25°C
7.5
9
VCC = ±5 V
TA = full range
10.5
TA = 25°C
85
95
PSRR
Power-supply rejection ratio
VCC = ±5 V or ±15 V
dB
TA = full range
80
(4)
Observe power dissipation ratings to keep the junction temperature below the absolute maximum rating when the output is heavily
loaded or shorted. See the Absolute Maximum Ratings table in this data sheet for more information.
Copyright © 1999–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): THS4031 THS4032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com